Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2012 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # CS2012
Description  Typical Performance Characteristics
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS2012 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  CS2012 Datasheet HTML 1Page - List of Unclassifed Manufacturers CS2012 Datasheet HTML 2Page - List of Unclassifed Manufacturers CS2012 Datasheet HTML 3Page - List of Unclassifed Manufacturers CS2012 Datasheet HTML 4Page - List of Unclassifed Manufacturers CS2012 Datasheet HTML 5Page - List of Unclassifed Manufacturers CS2012 Datasheet HTML 6Page - List of Unclassifed Manufacturers CS2012 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
8
MULTI-LAYER CERAMIC CAPACITORS
TYPE DESIGNATION (HOW TO ORDER)
(HOW TO ORDER)
DIMENSIONS BY TYPE
Radial & Axial
RADIAL
AXIAL
TYPE
TYPE
CR051A
CR051B
CR051D
CR077B
CR077D
2.5
5.0
7.6
5.0
7.6
P
H
(max)
L
(max)
W
(max)
H
(max)
L
(max)
W
(max)
ßj
d
ßj
d
T
(max)
6.4
9.2
10.2
5.1
7.7
5.1
7.6
CA2633
CA2644
CA2666
3.3
4.4
6.6
0.5
3.2
2.6
25
0.5
(Unit : mm)
CAPACITANCE CODE
THIS IS EXPRESSED IN PICOFARADS THE FIRST DIGITS
ARE SIGNIFICANT FIGURES. THE THIRD IS THE NUMBER
OF ZEROS.
PACKING CODE
B°™
BULK PACK
R°™
REEL PACK
F°™
FLAT PACK
TYPE CODE
SEE DIMENSIONS.
VOLTAGE RATING.
THE D.C WORKING VOLTAGE RATING AT MAXIMUM
OPERATING TEMPERATURE THE FIRST TWO DIGITS
ARE SIGNIFICANT FIGURES, THE THIRD IS THE NUMBER
OF ZEROS
EIA TEMPERATURE CHARACTERISTICS
EIA
Characteristic
Maximum Capacitance Change Over
Temperature Range
Temperature
Range
Z5U
X7R
COG(NPO)
Y5V
+10°…
to + 85°…
- 55°…
to + 125°…
- 55°…
to + 125°…
- 30°…
to + 85°…
-56% + 22%
°æ
15%
0°æ
30ppm/°…
-82%+22%
TOLERANCE CODE
¶I
B = °æ
0.1 pF
¶I
C = °æ
0.25 pF
¶I
D = °æ
0.5 pF
F = °æ
1%
G= °æ
2%
J = °æ
5%
K = °æ
10%
M= °æ
220%
Z = + 80°©
20%
P = +100°©
0%
¶I
For capacitance values
Below 10 pF only.
CR
CA
051B
2644
X7R
Z5U
104
104
M
M
B
R
500
500



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com