Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2012 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # CS2012
Description  Typical Performance Characteristics
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS2012 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  CS2012 Datasheet HTML 1Page - List of Unclassifed Manufacturers CS2012 Datasheet HTML 2Page - List of Unclassifed Manufacturers CS2012 Datasheet HTML 3Page - List of Unclassifed Manufacturers CS2012 Datasheet HTML 4Page - List of Unclassifed Manufacturers CS2012 Datasheet HTML 5Page - List of Unclassifed Manufacturers CS2012 Datasheet HTML 6Page - List of Unclassifed Manufacturers CS2012 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
1 0
MULTI-LAYER CERAMIC CAPACITORS
MARKING (PRINT ON THE ONE SIDE)
Radial & Axial
CODE
D
H
H1
H2
L
L1
P
CODE
P1
P2
T
W1
W2
A
B
CODE
C
E
F
G
S
°ÿ
DIMENSIONS
3.98
16.00
8.99
0.00
11.00
1.52
12.70
TOLERANCE
°æ
0.30
°æ
0.50
°æ
0.76-0.50
°æ
2.00
max
max
°æ
0.30
DIMENSIONS
3.86
6.35
0.89
18.00
0.00
13.79-38.10
28.57-86.00
TOLERANCE
°æ
0.71
°æ
1.29
max
+0.99-0.50
6.00 max
Within range
Within range
DIMENSIONS
9.50
29.97-50.04
34.89-102.00
76.20-358.14
5.00
TOLERANCE
min
within range
within range
within range
°æ
0.78
No adhesive may be exposed
(Unit : mm)
CODE
A
B
C
D
E
CODE
H
J
K
L
M
CODE
CODE
PACKING TYPE
DIMENSION
TOLERANCE
F
52
64.8
26
38.8
+2.0
-0
G
52
52
26
26
°æ
1.25
N
P
R
S
T
DIMENSIONS
356.00
F+3.17~F+6.35
35.70
15.90
63.50
TOLERANCE
max
Within range
DIMENSIONS
=J
=H
0.80
1.20
1.20
TOLERANCE
°æ
1.20
°æ
1.20
max
max
max
DIMENSIONS
5.00
0.80
3.20
1.60
610.00
TOLERANCE
°æ
0.40
max
min
max
min
(Unit : mm)
(Unit : mm)
Capacitance
Code
Tolerance
Code
Voltage Code
1 : 100V 2 : 200V
3 : 25V
5 : 50V
1
0
4
M
5
Z
EIA
Characteristic
Z : Z5U X : X7R
C : C0G V : Y5V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com