Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3216 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # CS3216
Description  Typical Performance Characteristics
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS3216 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  CS3216 Datasheet HTML 1Page - List of Unclassifed Manufacturers CS3216 Datasheet HTML 2Page - List of Unclassifed Manufacturers CS3216 Datasheet HTML 3Page - List of Unclassifed Manufacturers CS3216 Datasheet HTML 4Page - List of Unclassifed Manufacturers CS3216 Datasheet HTML 5Page - List of Unclassifed Manufacturers CS3216 Datasheet HTML 6Page - List of Unclassifed Manufacturers CS3216 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
7
REEL PACKING DIMENSIONS
TAPING (FIGURE)
(1) EMBOSSED TAPE
(2) PAPER TAPE
REEL DIMENSIONS
NUMBER OF PACKAGES
TAPE DIMENSIONS
SMD Type
MULTI-LAYER CERAMIC CAPACITORS
ßj178A°æ
2
ßj50Min
ßj13.0°æ
0.5
ßj21.0°æ
0.8
2.0°æ
0.5
10.0°æ
0.5
2.0°æ
0.5
1.0
A
B
C
D
E
W
t
R
TYPE
CS1608
CS2012
CS3216
CS3225
CC0603
CC0805
CC1206
CC1210
4.000pcs
4.000
3.000
4.000
3.000
EIA CODE
Qt / REEL
(Unit : mm)
(Unit : mm)
TYPE EIA CODE
A
B
C
D
E
F
G
H
J
CS1608
CS2012
CS3216
CS3225
CC0603
CC0805
CC1206
CC1210
2.0°æ
0.2
2.4°æ
0.2
3.6°æ
0.2
3.6°æ
0.2
1.20°æ
0.2
1.65°æ
0.2
2.00°æ
0.2
2.90°æ
0.2
8.0°æ
0.3
8.0°æ
0.3
8.0°æ
0.3
8.0°æ
0.3
3.5°æ
0.05
3.5°æ
0.05
3.5°æ
0.05
3.5°æ
0.05
1.75°æ
0.1
1.75°æ
0.1
1.75°æ
0.1
1.75°æ
0.1
4.0°æ
0.1
4.0°æ
0.1
4.0°æ
0.1
4.0°æ
0.1
2.0°æ
0.05
2.0°æ
0.05
2.0°æ
0.05
2.0°æ
0.05
4.0°æ
0.1
4.0°æ
0.1
4.0°æ
0.1
4.0°æ
0.1
1.5°æ
0.1
°™
0
1.5°æ
0.1
°™
0
1.5°æ
0.1
°™
0
1.5°æ
0.1
°™
0
(Unit : mm)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com