Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3216 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # CS3216
Description  Typical Performance Characteristics
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS3216 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  CS3216 Datasheet HTML 1Page - List of Unclassifed Manufacturers CS3216 Datasheet HTML 2Page - List of Unclassifed Manufacturers CS3216 Datasheet HTML 3Page - List of Unclassifed Manufacturers CS3216 Datasheet HTML 4Page - List of Unclassifed Manufacturers CS3216 Datasheet HTML 5Page - List of Unclassifed Manufacturers CS3216 Datasheet HTML 6Page - List of Unclassifed Manufacturers CS3216 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
9
Radial & Axial
MULTI-LAYER CERAMIC CAPACITORS
CAPACITANCE RANGE TYPE
CAPACITANCE VALUE
C0G
X7R
Z5U
Y5V
C0G
X7R
Z5U
Y5V
C0G
X7R
Z5U
Y5V
C0G
X7R
Z5U
Y5V
RADIAL
CR051
CR077
AXIAL
CA2644
CA2666
TYPE
1pF
2
3
4
5
6
7
8
9
10
12
15
16
18
20
22
24
27
30
33
36
39
43
47
51
56
62
68
75
82
91
100
120
150
180
220
270
330
390
470
560
680
820
1000
1200
1500
1800
2200
2700
3300
3900
4700
5600
6800
8200
10nF
15
22
33
47
68
100
150
220
330
470
680
1000
010
020
030
040
050
060
070
080
090
100
120
150
160
180
200
220
240
270
300
330
360
390
430
470
510
560
620
680
750
820
910
101
121
151
181
221
271
331
391
471
561
681
821
102
122
152
182
222
272
332
392
472
562
682
822
103
153
223
333
473
683
104
154
224
334
474
684
105
010
332
010
122
220
103
220
222
102
224
104
105
103
104
101
154
102
474
103
474
153
474
101
473
102
104
102
104
102
334
104
334
CR077



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com