Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7404D Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA7404D
Description  CARRADIO-SIGNAL-PROCESSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7404D Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA7404D Datasheet HTML 9Page - STMicroelectronics TDA7404D Datasheet HTML 10Page - STMicroelectronics TDA7404D Datasheet HTML 11Page - STMicroelectronics TDA7404D Datasheet HTML 12Page - STMicroelectronics TDA7404D Datasheet HTML 13Page - STMicroelectronics TDA7404D Datasheet HTML 14Page - STMicroelectronics TDA7404D Datasheet HTML 15Page - STMicroelectronics TDA7404D Datasheet HTML 16Page - STMicroelectronics TDA7404D Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
13/26
TDA7404D
1.7.2 Center Frequency
Figure 9 shows the four possible center frequencies 60, 80 ,100 and 200Hz.
Figure 9. Bass center Frequencies @ Gain = 15dB, Q = 1
1.7.3 Quality Factors
Figure 10 shows the four possible quality factors 1, 1.25, 1.5 and 2.
Figure 10. Bass Quality factors @ Gain = 14dB, fC = 80Hz








-
-
0.0
2.5
5.0
7.5
10.0
12.5
15.0
10.0
100.0
1.0K
10.0K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com