Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7404D Datasheet(PDF) 18 Page - STMicroelectronics

Part # TDA7404D
Description  CARRADIO-SIGNAL-PROCESSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7404D Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TDA7404D Datasheet HTML 14Page - STMicroelectronics TDA7404D Datasheet HTML 15Page - STMicroelectronics TDA7404D Datasheet HTML 16Page - STMicroelectronics TDA7404D Datasheet HTML 17Page - STMicroelectronics TDA7404D Datasheet HTML 18Page - STMicroelectronics TDA7404D Datasheet HTML 19Page - STMicroelectronics TDA7404D Datasheet HTML 20Page - STMicroelectronics TDA7404D Datasheet HTML 21Page - STMicroelectronics TDA7404D Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
TDA7404D
18/26
2.5 DATA BYTE SPECIFICATION
2.5.1 Input Selector / Gain
2.5.2 Loudness
Note 1: The attenuation is specified at high frequencies. Around the center frequency the value is different depending on the programmed
attenuation (see Loudness-frequency-response).
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
Source Selector
Mono Differential
Single Ended 1
Mute
Single Ended 2
Pseudo Differential / Single Ended 4
Single Ended 3
Mute
Beep
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
1
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
X
X
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
X
X
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
X
X
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
Input Gain
0dB
1dB
2dB
3dB
4dB
5dB
6dB
7dB
8dB
9dB
10dB
11dB
12dB
13dB
14dB
16dB
18dB
20dB
MSB
LSB
LOUDNESS
D7
D6
D5
D4
D3
D2
D1
D0
0
0
:
1
1
0
0
:
1
1
0
0
:
1
1
0
1
:
0
1
Attenuation
0dB
-1 dB
:
-14 dB
-15 dB
00
0
1
1
0
1
0
1
Filter / Center Frequency
off(flat) 'D6 must be = 0'
400Hz
800Hz
2.4KHz
0
1
Shape
Low Boost
Low & High Boost
0
1
SoftStep-Volume
off
on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com