Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMS6002GQ Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZXMS6002GQ
Description  60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMS6002GQ Datasheet(HTML) 3 Page - Diodes Incorporated

  ZXMS6002GQ Datasheet HTML 1Page - Diodes Incorporated ZXMS6002GQ Datasheet HTML 2Page - Diodes Incorporated ZXMS6002GQ Datasheet HTML 3Page - Diodes Incorporated ZXMS6002GQ Datasheet HTML 4Page - Diodes Incorporated ZXMS6002GQ Datasheet HTML 5Page - Diodes Incorporated ZXMS6002GQ Datasheet HTML 6Page - Diodes Incorporated ZXMS6002GQ Datasheet HTML 7Page - Diodes Incorporated ZXMS6002GQ Datasheet HTML 8Page - Diodes Incorporated ZXMS6002GQ Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
IntelliFET is a registered trademark of Diodes Incorporated.
ZXMS6002GQ
Document number: DS33606 Rev. 1 - 2
3 of 9
www.diodes.com
April 2014
© Diodes Incorporated
ZXMS6002GQ
Absolute Maximum Ratings (@Tamb = +25°C, unless otherwise stated.)
PARAMETER
SYMBOL
LIMIT
UNIT
Continuous Drain-Source Voltage
VDS
60
V
Drain-Source Voltage for Short Circuit Protection VIN = 5V
VDS(SC)
36
V
Drain-Source Voltage for Short Circuit Protection VIN = 10V
VDS(SC)
20
V
Continuous Input Voltage
VIN
-0.2 to +10
V
Peak Input Voltage
VIN
-0.2 to +20
V
Operating Temperature Range
Tj,
-40 to +150
C
Storage Temperature Range
Tstg
-55 to +150
C
Power Dissipation at Tamb = +25C (Note 6)
PD
2.5
W
Continuous Drain Current @ VIN=10V; Tamb = +25C (Note 6)
ID
1.6
A
Continuous Drain Current @ VIN=5V; Tamb = +25C (Note 6)
ID
1.4
A
Continuous Source Current (Body Diode) (Note 6)
IS
3
A
Pulsed Source Current (Body Diode) (Note 7)
IS
4.7
A
Unclamped Single Pulse Inductive Energy
EAS
550
mJ
Load Dump Protection
VLoadDump
80
V
Electrostatic Discharge (Human Body Model)
VESD
4000
V
DIN Humidity Category, DIN 40 040
—
E
—
IEC Climatic Category, DIN IEC 68-1
—
40/150/56
—



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com