Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMS6002GQ Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXMS6002GQ
Description  60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMS6002GQ Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXMS6002GQ Datasheet HTML 1Page - Diodes Incorporated ZXMS6002GQ Datasheet HTML 2Page - Diodes Incorporated ZXMS6002GQ Datasheet HTML 3Page - Diodes Incorporated ZXMS6002GQ Datasheet HTML 4Page - Diodes Incorporated ZXMS6002GQ Datasheet HTML 5Page - Diodes Incorporated ZXMS6002GQ Datasheet HTML 6Page - Diodes Incorporated ZXMS6002GQ Datasheet HTML 7Page - Diodes Incorporated ZXMS6002GQ Datasheet HTML 8Page - Diodes Incorporated ZXMS6002GQ Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
IntelliFET is a registered trademark of Diodes Incorporated.
ZXMS6002GQ
Document number: DS33606 Rev. 1 - 2
4 of 9
www.diodes.com
April 2014
© Diodes Incorporated
ZXMS6002GQ
Thermal Resistance (@Tamb = +25°C, unless otherwise stated.)
PARAMETER
SYMBOL
VALUE
UNIT
Junction to Ambient
RθJA
50
C/W
Junction to Ambient
RθJA
28
C/W
Notes:
6. For a device surface mounted on 50mm x 50mm x 1.6mm FR4 board with a high coverage of single sided 2oz weight copper.
7. For a device surface mounted on FR4 board and measured at t<=10s.
Thermal Characteristics



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com