Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP01 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MSP01
Description  Thick Film Resistor Networks Single-In-Line, Molded SIP 01, 03, 05 Schematics 6, 8, 9 or 10 Pin A Profile and 6, 8 or 10 Pin C Profile
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MSP01 Datasheet(HTML) 2 Page - Vishay Siliconix

  MSP01 Datasheet HTML 1Page - Vishay Siliconix MSP01 Datasheet HTML 2Page - Vishay Siliconix MSP01 Datasheet HTML 3Page - Vishay Siliconix MSP01 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
39
MSP
Vishay Dale
Document Number: 31510
Revision 25-Oct-00
For Technical Questions, contact: ff2aresistors@vishay.com
0.090 [2.29]
Max.
0.012
± 0.003
[0.305
± 0.076]
PIN #1
B
C Equals Spaces
0.015
[0.381]
Min.
0.016
± 0.003
[0.406
± 0.076]
0.135 + 0.015
- 0.010
[3.43 + 0.381
- 0.254]
A
Max.
0.100
± 0.010
[2.54
± 0.254]
Non-Accumulative
D Max.
MODEL
MSP06
MSP08
MSP10
MSP09
A (Max.)
0.590 [14.99]
0.790 [20.07]
0.990 [25.15]
0.890 [22.61]
B
0.500 [12.70]
0.700 [17.78]
0.900 [22.86]
0.800 [20.32]
C
5
7
9
8
D (Max.)
MSPxxA = 0.195 [4.95]
MSPxxC = 0.350 [8.89]
0.195 [4.95] ONLY
Thick Film Resistor Networks, Single-In-Line, Molded SIP
221
RESISTANCE
VALUE R1
331
RESISTANCE
VALUE R2
A
PACKAGE CODE
EXAMPLE:
MSP08A-01-101G = A molded single-in-
line thick film resistor network with 8 pins
on 0.100" [2.54mm] centers, 0.195"
[4.95mm] maximum seated height, 01
Schematic, resistance value of 100 ohm
and a tolerance of
± 2%.
EXAMPLE:
MSP06A-03-102G = A molded single-in-
line thick film resistor network with 6 pins
on 0.100" [2.54mm] centers, 0.195"
[4.95mm] maximum seated height, 03
Schematic, resistance value of 1000 ohm
and a tolerance of
± 2%.
EXAMPLE:
MSP06A-05-221/331G = A molded single-in-
line thick film resistor network with 6 pins on
0.100" [2.54mm] centers, 0.195" [4.95mm]
maximum seated height, 05 Schematic with
resistances of R1 = 220 ohm and R2 = 330
ohm and a tolerance
± 2%.
A =0.195" [4.95mm] Height
0.100" [2.54mm] Lead Spacing
C =0.350" [8.89mm] Height
0.100" [2.54mm] Lead Spacing
01
SCHEMATIC
101
RESISTANCE VALUE
A
PACKAGE CODE
A =0.195" [4.95mm] Height
0.100" [2.54mm] Lead Spacing
C =0.350" [8.89mm] Height
0.100" [2.54mm] Lead Spacing
03 Schematic
05 Schematic
01 Schematic
MSP
MODEL
08
NUMBER OF
PINS
A
PACKAGE CODE
F=
± 1%
G=
± 2%
J=
± 5%
G
TOLERANCE
MSP
MODEL
06
NUMBER OF
PINS
03
SCHEMATIC
F=
± 1%
G=
± 2%
J=
± 5%
G
TOLERANCE
First 2 digits (3 for "F"
tolerance) are significant
figures. Last digit specifies
number of zeros to follow.
102
RESISTANCE VALUE
05
SCHEMATIC
G
TOLERANCE
First 2 digits (3 for "F"
tolerance) are significant
figures. Last digit specifies
number of zeros to follow.
MSP
MODEL
06
NUMBER OF
PINS
A =0.195" [4.95mm] Height
0.100" [2.54mm] Lead Spacing
C =0.350" [8.89mm] Height
0.100" [2.54mm] Lead Spacing
First two digits are significant figures.
Last digit specifies the number of
zeros to follow.
G=
± 2%
J=
± 5%
ORDERING INFORMATION
DIMENSIONS in inches [millimeters]



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com