Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP01 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MSP01
Description  Thick Film Resistor Networks Single-In-Line, Molded SIP 01, 03, 05 Schematics 6, 8, 9 or 10 Pin A Profile and 6, 8 or 10 Pin C Profile
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MSP01 Datasheet(HTML) 3 Page - Vishay Siliconix

  MSP01 Datasheet HTML 1Page - Vishay Siliconix MSP01 Datasheet HTML 2Page - Vishay Siliconix MSP01 Datasheet HTML 3Page - Vishay Siliconix MSP01 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Document Number: 31510
Revision 25-Oct-00
www.vishay.com
40
MSP
Vishay Dale
For Technical Questions, contact: ff2aresistors@vishay.com
CIRCUIT APPLICATIONS
1
2
3
n-1
n
3, 4 or 5 isolated resistors
The MSPxxx-03 circuit contains 3, 4 or 5 resistors of nominally equal
value in a compact package. Each resistor is connected to two discrete
PC pins.
Pulse squaring and TTL dual-line terminators
The MSPxxx-05 circuits contain 4, 6, 7* or 8 series pair of resistors. Each
series pair is connected between two common lines. The junction of
these resistor pairs is connected to the input terminals.
The 05 circuits are designed for TTL dual-line termination and pulse
squaring.
* Available in "A" Profile only
01 Schematic
03 Schematic
05 Schematic
Thick Film Resistor Networks, Single-In-Line, Molded SIP
Standard E-24 resistance values stocked. Consult factory.
Standard E-24 resistance values stocked. Consult factory.
Many dual terminator resistance values stocked. Consult factory.
5, 7, 8* or 9 resistors with one pin common
The MSPxxx-01 circuit contains 5, 7, 8* or 9 nominally equal resistors,
each connected between a common pin (Pin No. 1) and a discrete PC
board pin. Commonly used in the following applications:
• "Wired OR" Pull-up
• MOS/ROM Pull-up/Pull-down
• Power Gate Pull-up
• Open Collector Pull-up
• TTL Input Pull-down
• TTL Unused Gate Pull-up
* Available in "A" Profile only
1
2
3
n-1
n
1
2 3
4
n-1
n
R1
R2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com