Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFN Datasheet(PDF) 1 Page - Amkor Technology

Part # DFN
Description  Saw MLF PEL (Plated End Lead) Package
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology

DFN Datasheet(HTML) 1 Page - Amkor Technology

  DFN Datasheet HTML 1Page - Amkor Technology DFN Datasheet HTML 2Page - Amkor Technology DFN Datasheet HTML 3Page - Amkor Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LEADFRAME
Data Sheet
Questions? Contact us: marketing@amkor.com
Visit Amkor Technology online for locations and
to view the most current product information.
Saw MLF PEL (Plated End Lead) Package
Customer demand for Fine lead pitch (0.50 mm, 0.65 mm) is needed in the
automotive Industry. Higher solder fillet height on the side of lead area;
similar or better BLR performance than standard design; no need of X-ray
monitoring after SMD. This process is released to HVM (High Volume
Manufacturing).
FAM (Film Assist Mold) MLF Package
Better release-ability which enables complicated mold structures like cavity-
open packages (Seal film); Protection on brittle surface of die and glass lids
from mechanical impact by cavity insert on mold chase (seal film); resin/mold
flash control (adhesive film).
PQFN (Power) MLF Package
To qualify FET (Field Effect Transistor) devices in QFN package using solder
paste and copper clip; layout and packaging use copper connections for all
power paths rather than wire bonds, reducing losses due to high resistance
wire bonds as well as high inductance which cause ringing and high AC
losses.
RtMLF (Routable Molded Lead Frame) Package
An MLF® package with resin filled traces for small form factor driven
structures. This offers a low cost, high thermal performance device in a
smaller foot print. It has internal routing traces with limited line width/space
capability and this package adapts easily to flipchip configurations. rtMLF
provides higher pin count and more flexible internal trace routing with resin
filled LF. It enable small form factor, high electrical/thermal performance with
low cost.
DS572Q
Rev Date: 10/15
MicroLeadFrame®
MLF®/QFN/SON/DFN
MicroLeadFrame® Quad Flat No-Lead
Package (MLF®/QFN/SON/DFN)
Amkor's MicroLeadFrame® QFN package is a near CSP
plastic encapsulated package with a copper leadframe
substrate. This package uses perimeter lands on the
bottom of the package to provide electrical contact to the
PWB. The package also offers Amkor's ExposedPad
technology as a thermal enhancement. Having the die
attach paddle exposed on the bottom of the package
surface provides an efficient heat path when soldered
directly to the PWB. This enhancement also enables stable
ground by use of down bonds or by electrical connection
through a conductive die attach material.
MLF Offerings
• Chip-on-Lead (COL)
• Single Row (Up to 108 I/O)
• Dual Row (Up to 180 I/O)
• Multi Chip Package
• Non-Exposed Pad
• PPF (NiPd) Punch & Saw MLF
• Small MLF (Less than 2 x 2 body size)
• Stacked Die
• Thin MicroLeadFrame®
• Top Exposed Pad (TEP)
• Inframe Cavity MLF
• Flipchip MLF
Dual Row MLF Package
An MLF package with two rows of leads offers a cost
effective, high performance solution for devices requiring
up to 180 I/O. Typical applications include hard disk drives,
USB controllers and wireless LAN.


Similar Part No. - DFN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DFN VISHAY-DFN Datasheet
110Kb / 3P
Dual Flat No Lead Molded Precision Thin Film Resistor Surface Mount Network
28-May-15
logo
Analog Microelectronics
DFN-10B AME-DFN-10B Datasheet
52Kb / 1P
(3x3x0.75mm) MIN 0.700 MAX 0.800
DFN-10B AME-DFN-10B Datasheet
34Kb / 1P
(3x3x0.75mm) Carrier Width (W) 12.0-0.1 mm
logo
Protek Devices
DFN-2-0402 PROTEC-DFN-2-0402 Datasheet
280Kb / 5P
package outline & pad layout
logo
Analog Microelectronics
DFN-6D AME-DFN-6D Datasheet
33Kb / 1P
(2x2x0.75mm) MIN 0.700 MAX 0.800
More results

Similar Description - DFN

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BPT-BP0934 BRIGHT-BPT-BP0934 Datasheet
192Kb / 3P
END- LOOK PACKAGE PHOTOTRANSISTOR
BPT-BP2334 BRIGHT-BPT-BP2334 Datasheet
192Kb / 3P
END- LOOK PACKAGE PHOTOTRANSISTOR
BPT-BP2934 BRIGHT-BPT-BP2934 Datasheet
90Kb / 2P
END- LOOK PACKAGE PHOTOTRANSISTOR
BPT-RP4APK BRIGHT-BPT-RP4APK Datasheet
193Kb / 3P
END- LOOK PACKAGE PHOTOTRANSISTOR
logo
Taoglas antenna solutio...
MA750.A.ABICG.003 TAOGLAS-MA750.A.ABICG.003 Datasheet
692Kb / 33P
Front End SAW Filter
MA1130.A.LBICGT.002 TAOGLAS-MA1130.A.LBICGT.002 Datasheet
2Mb / 30P
Front End SAW Filter
logo
Everlight Electronics C...
EAIST2012A3 EVERLIGHT-EAIST2012A3 Datasheet
887Kb / 10P
Small double-end package
EAIST3015A3 EVERLIGHT-EAIST3015A3 Datasheet
909Kb / 9P
Small double-end package
EAISZ2520A0 EVERLIGHT-EAISZ2520A0 Datasheet
1Mb / 8P
Small double-end package
logo
EHAOAN.
EH-C152IR-TR EHAOAN-EH-C152IR-TR Datasheet
1Mb / 8P
Small double-end package
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com