Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFN Datasheet (PDF) - Vishay Siliconix

DFN Datasheet PDF - Vishay Siliconix
Part # DFN
Download  DFN Download
File Size   110.26 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Dual Flat No Lead Molded Precision Thin Film Resistor Surface Mount Network

DFN Datasheet (PDF)

Go To PDF Page Download Datasheet
DFN Datasheet PDF - Vishay Siliconix

Part # DFN
Download  DFN Click to download

File Size   110.26 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Dual Flat No Lead Molded Precision Thin Film Resistor Surface Mount Network

DFN Datasheet (HTML) - Vishay Siliconix


DFN Product details

• 0.8 mm lead pitch
• MSL level 1 per J-STD-020
• Low profile 1 mm seated height
• Small size 4 mm x 4 mm size 50 % board savings
over SOIC packages
• Wide resistance range 100 ohm to 100 k ohm available
• Custom configurations available
• Low TCR ± 25 ppm, TCR tracking to ± 3 ppm
• Ratio tolerances to ± 0.025 %




Similar Part No. - DFN

ManufacturerPart #DatasheetDescription
logo
Amkor Technology
DFN AMKOR-DFN Datasheet
754Kb / 3P
Saw MLF PEL (Plated End Lead) Package
logo
Analog Microelectronics
DFN-10B AME-DFN-10B Datasheet
52Kb / 1P
(3x3x0.75mm) MIN 0.700 MAX 0.800
DFN-10B AME-DFN-10B Datasheet
34Kb / 1P
(3x3x0.75mm) Carrier Width (W) 12.0-0.1 mm
logo
Protek Devices
DFN-2-0402 PROTEC-DFN-2-0402 Datasheet
280Kb / 5P
package outline & pad layout
logo
Analog Microelectronics
DFN-6D AME-DFN-6D Datasheet
33Kb / 1P
(2x2x0.75mm) MIN 0.700 MAX 0.800
More results


Similar Description - DFN

ManufacturerPart #DatasheetDescription
logo
Bi technologies
688 BITECH-688_12 Datasheet
351Kb / 4P
Precision Thin Film .300??Dual In-Line Surface Mount Resistor Networks
logo
Vishay Siliconix
VSOR1603-103JT VISHAY-VSOR1603-103JT Datasheet
113Kb / 4P
Molded, 25 mil or 50 mil Pitch, Dual-In-Line Thin Film Resistor, Surface Mount Network
08-Jan-12
ORNA2001AUF VISHAY-ORNA2001AUF Datasheet
96Kb / 3P
Molded, 50 mil Pitch, Dual-In-Line Thin Film Resistor, Surface Mount Network
02-Sep-11
HTRN4-1T5 VISHAY-HTRN4-1T5 Datasheet
90Kb / 3P
Molded, 50 mil Pitch, High Temperature Thin Film Surface Mount, Dual-In-Line Resistor Network
12-Dec-11
FP200 VISHAY-FP200_17 Datasheet
101Kb / 3P
Hermetic Flat Pack Thin Film Resistor, Surface Mount Network
16-Mar-17
HTRN VISHAY-HTRN Datasheet
94Kb / 3P
Molded, 50 mil Pitch, High Temperature (215 °C); Thin Film Surface Mount, Dual-In-Line Resistor Network
12-Dec-11
M83401 VISHAY-M83401 Datasheet
92Kb / 4P
Thin Film Resistor Network Military
01-Mar-13
MPM VISHAY-MPM_17 Datasheet
105Kb / 3P
Molded, SOT-23 Thin Film Resistor, Surface Mount Divider Network
12-Jul-13
MPMA VISHAY-MPMA Datasheet
103Kb / 4P
Matched Pair, Molded, Automotive, Thin Film, SOT-23, Resistor, Surface Mount Network, AEC-Q200 Qualified
03-Nov-15
TDP VISHAY-TDP_V01 Datasheet
91Kb / 4P
Molded, Dual-In-Line Thin Film Resistor, Through-Hole Network
07-Apr-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com