Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFN Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DFN
Description  Dual Flat No Lead Molded Precision Thin Film Resistor Surface Mount Network
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DFN Datasheet(HTML) 2 Page - Vishay Siliconix

  DFN Datasheet HTML 1Page - Vishay Siliconix DFN Datasheet HTML 2Page - Vishay Siliconix DFN Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DFN
www.vishay.com
Vishay Dale Thin Film
Revision: 28-May-15
2
Document Number: 60109
For technical questions, contact: thinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Contact factory for package outlines for higher pin count or custom configurations
Notes
(1) Tolerance available on 1 k
 and up
(2) Preferred packaging code
DIMENSIONS AND IMPRINTING in millimeters
Pin 1 Dot
by Marking
DFNA
XXXX
MMYY
Resistance
Value Code
Date
Code
(MMYY)
4.000 ± 0.050
4.000 ± 0.050
85
14
2.700 ± 0.050
Exposed Pad
3.500 ± 0.050
Exposed Pad
2.400
Ref.
0.300 ± 0.050
A
0.000 - 0.050
0.203 Ref.
1
2
3
4
8
7
6
5
Pin 1 Indentification
Chamfer 0.300 x 45°
0.800 BSC
0.400 ± 0.050
A
Max.
Nom.
Min.
0.900
0.850
0.800
(4 mm x 4 mm)
TOP VIEW
BOTTOM VIEW
SIDE VIEW
MECHANICAL SPECIFICATIONS
Resistive Element
Passivated nichrome
Substrate Material
Ceramic
Body
Molded epoxy
Terminals
Copper alloy
Plating
100 % matte tin
Marking Resistance to Solvents
Per MIL-PRF-914
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: DFNA1002AT1
GLOBAL
MODEL
SCHEMATIC
RESISTANCE
TOLERANCE AND
RATIO TOLERANCE
PACKAGING
DFN
(Lead (Pb)-free)
(e3)
A = Isolated equal
value resistors
The first 3 digits are
significant figures and
the last digit specifies
the number of zeros
to follow.
Example:
1002 = 10 k
1003 = 100 k
4991 = 4.99 k
Z = ± 0.05 % abs. ± 0.025 ratio (1)
A = ± 0.1 % abs. ± 0.05 % ratio
B = ± 0.1 % abs. ± 0.1 % ratio
C = ± 0.25 % abs. ± 0.1 % ratio
D = ± 0.5 % abs. ± 0.1 % ratio
F = ± 1.0 % abs. ± 0.5 % ratio
TAPE AND REEL
T0 = 100 min., 100 mult
T1 = 1000 min., 1000 mult (2)
T3 = 300 min., 300 mult
T5 = 500 min., 500 mult
TF = Full reel
TS = 100 min., 1 mult
UF = TUBED
A1
0
0
2A
T
F
N
D
1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com