Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFN Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DFN
Description  Dual Flat No Lead Molded Precision Thin Film Resistor Surface Mount Network
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DFN Datasheet(HTML) 1 Page - Vishay Siliconix

  DFN Datasheet HTML 1Page - Vishay Siliconix DFN Datasheet HTML 2Page - Vishay Siliconix DFN Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DFN
www.vishay.com
Vishay Dale Thin Film
Revision: 28-May-15
1
Document Number: 60109
For technical questions, contact: thinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Dual Flat No Lead Molded Precision Thin Film Resistor
Surface Mount Network
The DFN series of precision surface mount resistor networks
feature isolated thin film precision resistors mounted in a
0.8 mm pitch 4 mm x 4 mm dual flat no lead package. The
networks feature 50 % savings in board space over
traditional SOIC packages. They are ideally suited for
applications of unity gain operational amplifiers that require
close
TC
tracking
and
tight
ratio
tolerances
over
temperature. Custom configurations are available upon
request.
SCHEMATIC
FEATURES
• 0.8 mm lead pitch
• MSL level 1 per J-STD-020
• Low profile 1 mm seated height
• Small size 4 mm x 4 mm size 50 % board savings
over SOIC packages
• Wide resistance range 100
 to 100 k available
• Custom configurations available
• Low TCR ± 25 ppm, TCR tracking to ± 3 ppm
• Ratio tolerances to ± 0.025 %
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL PERFORMANCE
Note
• Consult factory for additional R values and schematics
R
1
8
1
7
2
6
3
5
4
R
1
R
1
R
1
ABSOLUTE
TRACKING
TCR
25
3
ABSOLUTE
RATIO
TOL.
0.1
0.05
STANDARD RESISTANCE OFFERING (R1 =)
500
10 k
1 k
20 k
2 k
50 k
4.99 k
100 k
5 k
STANDARD ELECTRICAL SPECIFICATIONS
TEST
SPECIFICATIONS
CONDITIONS
Material
Passivated nichrome
-
Pin/Lead Number
8-
Resistance Range
100
 to 100 k per resistor
-
TCR: Absolute
± 25 ppm/°C
-55 °C to +125 °C
TCR: Tracking
± 3 ppm/°C
-55 °C to +125 °C
Tolerance: Absolute
± 0.05 % to ± 1.0 %
+25 °C
Tolerance: Ratio
± 0.025 % to ± 0.5 %
+25 °C
Power Rating: Resistor
100 mW
Maximum at +70 °C
Power Rating: Package
100 mW x number of resistors
Maximum at +70 °C
Stability: Absolute
R ± 0.05 %
2000 h at +70 °C
Stability: Ratio
R ± 0.015 %
2000 h at +70 °C
Voltage Coefficient
< 0.1 ppm/V
-
Working Voltage
100 V max. not to exceed
-
Operating Temperature Range
-55 °C to +125 °C
-
Storage Temperature Range
-55 °C to +150 °C
-
Noise
< -30 dB
-
Thermal EMF
< 0.08 μV/°C
-
Shelf Life Stability: Absolute
R ± 0.01 %
1 year at +25 °C
Shelf Life Stability: Ratio
R ± 0.002 %
1 year at +25 °C
P
x R


Similar Part No. - DFN

ManufacturerPart #DatasheetDescription
logo
Amkor Technology
DFN AMKOR-DFN Datasheet
754Kb / 3P
Saw MLF PEL (Plated End Lead) Package
logo
Analog Microelectronics
DFN-10B AME-DFN-10B Datasheet
52Kb / 1P
(3x3x0.75mm) MIN 0.700 MAX 0.800
DFN-10B AME-DFN-10B Datasheet
34Kb / 1P
(3x3x0.75mm) Carrier Width (W) 12.0-0.1 mm
logo
Protek Devices
DFN-2-0402 PROTEC-DFN-2-0402 Datasheet
280Kb / 5P
package outline & pad layout
logo
Analog Microelectronics
DFN-6D AME-DFN-6D Datasheet
33Kb / 1P
(2x2x0.75mm) MIN 0.700 MAX 0.800
More results

Similar Description - DFN

ManufacturerPart #DatasheetDescription
logo
Bi technologies
688 BITECH-688_12 Datasheet
351Kb / 4P
Precision Thin Film .300??Dual In-Line Surface Mount Resistor Networks
logo
Vishay Siliconix
VSOR1603-103JT VISHAY-VSOR1603-103JT Datasheet
113Kb / 4P
Molded, 25 mil or 50 mil Pitch, Dual-In-Line Thin Film Resistor, Surface Mount Network
08-Jan-12
ORNA2001AUF VISHAY-ORNA2001AUF Datasheet
96Kb / 3P
Molded, 50 mil Pitch, Dual-In-Line Thin Film Resistor, Surface Mount Network
02-Sep-11
HTRN4-1T5 VISHAY-HTRN4-1T5 Datasheet
90Kb / 3P
Molded, 50 mil Pitch, High Temperature Thin Film Surface Mount, Dual-In-Line Resistor Network
12-Dec-11
FP200 VISHAY-FP200_17 Datasheet
101Kb / 3P
Hermetic Flat Pack Thin Film Resistor, Surface Mount Network
16-Mar-17
HTRN VISHAY-HTRN Datasheet
94Kb / 3P
Molded, 50 mil Pitch, High Temperature (215 °C); Thin Film Surface Mount, Dual-In-Line Resistor Network
12-Dec-11
M83401 VISHAY-M83401 Datasheet
92Kb / 4P
Thin Film Resistor Network Military
01-Mar-13
MPM VISHAY-MPM_17 Datasheet
105Kb / 3P
Molded, SOT-23 Thin Film Resistor, Surface Mount Divider Network
12-Jul-13
MPMA VISHAY-MPMA Datasheet
103Kb / 4P
Matched Pair, Molded, Automotive, Thin Film, SOT-23, Resistor, Surface Mount Network, AEC-Q200 Qualified
03-Nov-15
TDP VISHAY-TDP_V01 Datasheet
91Kb / 4P
Molded, Dual-In-Line Thin Film Resistor, Through-Hole Network
07-Apr-2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com