Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7322MA/NOPB Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # LM7322MA/NOPB
Description  Unlimited Capacitive Load Operational Amplifier
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM7322MA/NOPB Datasheet(HTML) 24 Page - Texas Instruments

Back Button LM7322MA/NOPB Datasheet HTML 20Page - Texas Instruments LM7322MA/NOPB Datasheet HTML 21Page - Texas Instruments LM7322MA/NOPB Datasheet HTML 22Page - Texas Instruments LM7322MA/NOPB Datasheet HTML 23Page - Texas Instruments LM7322MA/NOPB Datasheet HTML 24Page - Texas Instruments LM7322MA/NOPB Datasheet HTML 25Page - Texas Instruments LM7322MA/NOPB Datasheet HTML 26Page - Texas Instruments LM7322MA/NOPB Datasheet HTML 27Page - Texas Instruments LM7322MA/NOPB Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
LM7321, LM7322
SNOSAW8E – MAY 2008 – REVISED SEPTEMBER 2015
www.ti.com
Device Functional Modes (continued)
NOTE
Because of the lower output sourcing current compared to the sinking one, the Slew Rate
limit under heavy capacitive loading is determined by the positive transitions.
An estimate of positive and negative slew rates for loads larger than 100 nF can be made by dividing the short
circuit current value by the capacitor.
For the LM732xx, the available output current increases with the input overdrive. Referring to Figure 64 and
Figure 65, it can be seen that both sourcing and sinking short circuit current increase as input overdrive
increases. In a closed-loop amplifier configuration, during transient conditions while the fed back output has not
quite caught up with the input, there will be an overdrive imposed on the input allowing more output current than
would normally be available under steady-state condition. Because of this feature, the output stage quiescent
current of the op amp can be kept to a minimum, thereby reducing power consumption, while enabling the device
to deliver large output current when the need arises (such as during transients).
Figure 64. Output Short Circuit Sourcing Current vs. Input
Figure 65. Output Short Circuit Sinking Current vs. Input
Overdrive
Overdrive
Figure 66 shows the output voltage, output current, and the resulting input overdrive with the device set for AV =
+1 and the input tied to a 1-VPP step function driving a 47-nF capacitor. As can be seen, during the output
transition, the input overdrive reaches 1-V peak and is more than enough to cause the output current to increase
to its maximum value (see Figure 64 and Figure 65 plots).
NOTE
Because of the larger output sinking current compared to the sourcing one, the output
negative transition is faster than the positive one.
Figure 66. Buffer Amplifier Scope Photo
24
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: LM7321 LM7322



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com