Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7322MA/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM7322MA/NOPB
Description  Unlimited Capacitive Load Operational Amplifier
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM7322MA/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LM7322MA/NOPB Datasheet HTML 1Page - Texas Instruments LM7322MA/NOPB Datasheet HTML 2Page - Texas Instruments LM7322MA/NOPB Datasheet HTML 3Page - Texas Instruments LM7322MA/NOPB Datasheet HTML 4Page - Texas Instruments LM7322MA/NOPB Datasheet HTML 5Page - Texas Instruments LM7322MA/NOPB Datasheet HTML 6Page - Texas Instruments LM7322MA/NOPB Datasheet HTML 7Page - Texas Instruments LM7322MA/NOPB Datasheet HTML 8Page - Texas Instruments LM7322MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
LM7321, LM7322
www.ti.com
SNOSAW8E – MAY 2008 – REVISED SEPTEMBER 2015
7.5
2.7-V Electrical Characteristics
Unless otherwise specified, all limits ensured for TA = 25°C, V
+ = 2.7 V, V− = 0 V, V
CM = 0.5 V, VOUT = 1.35 V, and RL > 1 MΩ
to 1.35 V.
(1)
PARAMETER
TEST CONDITION
MIN(2)
TYP(3)
MAX(2)
UNIT
−5
±0.7
+5
VOS
Input Offset Voltage
VCM = 0.5 V and VCM = 2.2 V
mV
TA = –40°C to +125°C
−6
+6
Input Offset Voltage
TC VOS
VCM = 0.5 V and VCM = 2.2 V
(4)
±2
µV/C
Temperature Drift
−2
−1.2
VCM = 0.5 V
(5)
TA = –40°C to +125°C
−2.5
IB
Input Bias Current
µA
0.45
1
VCM = 2.2 V
(5)
TA = –40°C to +125°C
1.5
20
200
IOS
Input Offset Current
VCM = 0.5 V and VCM = 2.2 V
nA
TA = –40°C to +125°C
300
70
100
0 V
≤ VCM ≤ 1 V
TA = –40°C to +125°C
60
Common-Mode
CMRR
dB
Rejection Ratio
55
70
0 V
≤ VCM ≤ 2.7 V
TA = –40°C to +125°C
50
78
104
Power Supply Rejection
PSRR
2.7 V
≤ VS ≤ 30 V
dB
Ratio
TA = –40°C to +125°C
74
−0.3
−0.1
Common-Mode Voltage
CMRR > 50 dB
Range (Min)
TA = –40°C to +125°C
0
CMVR
V
2.8
3
Common-Mode Voltage
CMRR > 50 dB
Range (Max)
TA = –40°C to +125°C
2.7
65
72
0.5 V
≤ VO ≤ 2.2 V
RL = 10 kΩ to 1.35 V
TA = –40°C to +125°C
62
AVOL
Open-Loop Voltage Gain
dB
59
66
0.5 V
≤ VO ≤ 2.2 V
RL = 2 kΩ to 1.35V
TA = –40°C to +125°C
55
50
150
RL = 10 kΩ to 1.35 V
VID = 100 mV
TA = –40°C to +125°C
160
Output Voltage Swing
High
100
250
RL = 2 kΩ to 1.35 V
VID = 100 mV
TA = –40°C to +125°C
280
mV from
VOUT
either rail
20
120
RL = 10 kΩ to 1.35 V
VID = −100 mV
TA = –40°C to +125°C
150
Output Voltage Swing
Low
40
120
RL = 2 kΩ to 1.35 V
VID = −100 mV
TA = –40°C to +125°C
150
30
48
Sourcing
VID = 200 mV, VOUT = 0 V
(6)
TA = –40°C to +125°C
20
IOUT
Output Current
mA
Sinking
40
65
VID = −200 mV, VOUT = 2.7
TA = –40°C to +125°C
30
V(6)
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No ensured specification of parametric performance is indicated in the electrical
tables under conditions of internal self-heating where TJ > TA.
(2)
All limits are ensured by testing or statistical analysis.
(3)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
(4)
Offset voltage temperature drift determined by dividing the change in VOS at temperature extremes into the total temperature change.
(5)
Positive current corresponds to current flowing into the device.
(6)
Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in
exceeding the maximum allowed junction temperature of 150°C. Short circuit test is a momentary test. Output short circuit duration is
infinite for VS ≤ 6 V at room temperature and below. For VS > 6 V, allowable short circuit duration is 1.5 ms.
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM7321 LM7322



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com