Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC2D099B7 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LC2D099B7
Description  LC2D099B7
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LC2D099B7 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LC2D099B7 Datasheet HTML 1Page - List of Unclassifed Manufacturers LC2D099B7 Datasheet HTML 2Page - List of Unclassifed Manufacturers LC2D099B7 Datasheet HTML 3Page - List of Unclassifed Manufacturers LC2D099B7 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Price*: 234.00 USD
Main
Commercial Status
Commercialised
Range of product
TeSys D
Product or component
type
Reversing contactor
Device short name
LC2D
Contactor application
Motor control
Resistive load
Utilisation category
AC-1
AC-3
Device presentation
Preassembled with reversing power busbar
Poles description
3P
Pole contact
composition
3 NO
[Ue] rated operational
voltage
<= 300 V DC for power circuit
<= 690 V AC 25...400 Hz for power circuit
[Ie] rated operational
current
25 A (<= 140 °F (60 °C)) at <= 440 V AC AC-1 for power
circuit
9 A (<= 140 °F (60 °C)) at <= 440 V AC AC-3 for power
circuit
Motor power kW
5.5 kW at 660...690 V AC 50/60 Hz
5.5 kW at 500 V AC 50/60 Hz
4 kW at 415...440 V AC 50/60 Hz
4 kW at 380...400 V AC 50/60 Hz
2.2 kW at 220...230 V AC 50/60 Hz
Motor power hp
7.5 hp at 575/600 V AC 50/60 Hz for 3 phases motors
5 hp at 460/480 V AC 50/60 Hz for 3 phases motors
2 hp at 230/240 V AC 50/60 Hz for 3 phases motors
2 hp at 200/208 V AC 50/60 Hz for 3 phases motors
1 hp at 230/240 V AC 50/60 Hz for 1 phase motors
0.5 hp at 115 V AC 50/60 Hz for 1 phase motors
Control circuit type
AC 50/60 Hz
Control circuit voltage
24 V AC 50/60 Hz
Auxiliary contact
composition
1 NO + 1 NC
[Uimp] rated impulse
withstand voltage
6 kV conforming to IEC 60947
Overvoltage category
III
[Ith] conventional free
air thermal current
25 A at <= 140 °F (60 °C) for power circuit
10 A at <= 140 °F (60 °C) for signalling circuit
Irms rated making
capacity
250 A DC for signalling circuit conforming to IEC
60947-5-1
140 A AC for signalling circuit conforming to IEC
60947-5-1
250 A at 440 V for power circuit conforming to IEC 60947
Rated breaking
capacity
250 A at 440 V for power circuit conforming to IEC 60947
[Icw] rated short-time
withstand current
140 A 100 ms signalling circuit
120 A 500 ms signalling circuit
100 A 1 s signalling circuit
210 A <= 104 °F (40 °C) 1 s power circuit
105 A <= 104 °F (40 °C) 10 s power circuit
61 A <= 104 °F (40 °C) 1 min power circuit
30 A <= 104 °F (40 °C) 10 min power circuit
Associated fuse rating
10 A gG for signalling circuit conforming to IEC
60947-5-1
20 A gG at <= 690 V coordination type 2 for power circuit
25 A gG at <= 690 V coordination type 1 for power circuit
Average impedance
2.5 mOhm at 50 Hz - Ith 25 A for power circuit



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com