Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC2D099B7 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # LC2D099B7
Description  LC2D099B7
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LC2D099B7 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  LC2D099B7 Datasheet HTML 1Page - List of Unclassifed Manufacturers LC2D099B7 Datasheet HTML 2Page - List of Unclassifed Manufacturers LC2D099B7 Datasheet HTML 3Page - List of Unclassifed Manufacturers LC2D099B7 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
[Ui] rated insulation
voltage
600 V for signalling circuit certifications UL
600 V for signalling circuit certifications CSA
690 V for signalling circuit conforming to IEC 60947-1
600 V for power circuit certifications UL
600 V for power circuit certifications CSA
690 V for power circuit conforming to IEC 60947-4-1
Electrical durability
2 Mcycles 9 A AC-3 at Ue <= 440 V
0.6 Mcycles 25 A AC-1 at Ue <= 440 V
Power dissipation per
pole
1.56 W AC-1
AC-3
Protective cover
With
Interlocking type
Mechanical
Mounting support
Plate
Rail
Standards
EN 60947-4-1
EN 60947-5-1
IEC 60947-4-1
IEC 60947-5-1
UL 508
CSA C22.2 No 14
Product certifications
BV
CCC
CSA
DNV
GL
GOST
RINA
UL
LROS
Connections - terminals
Control circuit: Faston terminals 1
Power circuit: Faston terminals 2
Operating time
4...19 ms opening
12...22 ms closing
Safety reliability level
B10d = 20000000 cycles contactor with mechanical load
conforming to EN/ISO 13849-1
B10d = 1369863 cycles contactor with nominal load
conforming to EN/ISO 13849-1
Mechanical durability
15 Mcycles
Operating rate
3600 cyc/h at <= 140 °F (60 °C)
Complementary
Coil technology
Without built-in suppressor module
Control circuit voltage limits
0.85...1.1 Uc at 140 °F (60 °C) operational 60 Hz
0.8...1.1 Uc at 140 °F (60 °C) operational 50 Hz
0.3...0.6 Uc at 140 °F (60 °C) drop-out 50/60 Hz
Inrush power in VA
70 VA at 68 °F (20 °C) (cos ϕ 0.75) 50 Hz
70 VA at 68 °F (20 °C) (cos ϕ 0.75) 60 Hz
Hold-in power consumption in VA
7 VA at 68 °F (20 °C) (cos ϕ 0.3) 50 Hz
7.5 VA at 68 °F (20 °C) (cos ϕ 0.3) 60 Hz
Heat dissipation
2...3 W at 50/60 Hz
Auxiliary contacts type
Type mirror contact (1 NC) conforming to IEC 60947-4-1
Type mechanically linked (1 NO + 1 NC) conforming to IEC 60947-5-1
Signalling circuit frequency
25...400 Hz
Minimum switching current
5 mA for signalling circuit
Minimum switching voltage
17 V for signalling circuit
Non-overlap time
1.5 ms on energisation (between NC and NO contact)
1.5 ms on de-energisation (between NC and NO contact)
Insulation resistance
> 10 MOhm for signalling circuit



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com