Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV331M5 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LMV331M5
Description  General-Purpose, Low-Voltage, Tiny Pack Comparators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV331M5 Datasheet(HTML) 5 Page - Texas Instruments

  LMV331M5 Datasheet HTML 1Page - Texas Instruments LMV331M5 Datasheet HTML 2Page - Texas Instruments LMV331M5 Datasheet HTML 3Page - Texas Instruments LMV331M5 Datasheet HTML 4Page - Texas Instruments LMV331M5 Datasheet HTML 5Page - Texas Instruments LMV331M5 Datasheet HTML 6Page - Texas Instruments LMV331M5 Datasheet HTML 7Page - Texas Instruments LMV331M5 Datasheet HTML 8Page - Texas Instruments LMV331M5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
LMV331-N, LMV339-N, LMV393-N
www.ti.com
SNOS018H – AUGUST 1999 – REVISED DECEMBER 2014
2.7-V DC Electrical Characteristics (continued)
Unless otherwise specified, all limits ensured for TJ = 25°C, V
+ = 2.7V, V− = 0V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(1)
(2)
(1)
IB
Input Bias Current
10
250
nA
At the temperature extremes
400
IOS
Input Offset Current
5
50
nA
At the temperature extremes
150
VCM
Input Voltage Range
−0.1
V
2.0
V
VSAT
Saturation Voltage
ISINK ≤ 1 mA
120
mV
IO
Output Sink Current
VO ≤ 1.5V
5
23
mA
IS
Supply Current
LMV331-N
40
100
µA
LMV393-N
70
140
µA
Both Comparators
LMV339-N
140
200
µA
All four Comparators
Output Leakage Current
.003
µA
At the temperature extremes
1
6.6 2.7-V AC Electrical Characteristics
TJ = 25°C, V
+ = 2.7 V, R
L = 5.1 kΩ, V
− = 0 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(1)
(2)
(1)
tPHL
Propagation Delay (High to Low)
Input Overdrive = 10 mV
1000
ns
Input Overdrive = 100 mV
350
ns
tPLH
Propagation Delay (Low to High)
Input Overdrive = 10 mV
500
ns
Input Overdrive = 100 mV
400
ns
(1)
All limits are ensured by testing or statistical analysis.
(2)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
6.7 5-V DC Electrical Characteristics
Unless otherwise specified, all limits ensured for TJ = 25°C, V
+ = 5 V, V− = 0 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(1)
(2)
(1)
VOS
Input Offset Voltage
1.7
7
mV
At the temperature extremes
9
TCVOS
Input Offset Voltage Average Drift
5
µV/°C
IB
Input Bias Current
25
250
nA
At the temperature extremes
400
IOS
Input Offset Current
2
50
nA
At the temperature extremes
150
VCM
Input Voltage Range
−0.1
V
4.2
V
AV
Voltage Gain
20
50
V/mV
(1)
All limits are ensured by testing or statistical analysis.
(2)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
Copyright © 1999–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMV331-N LMV339-N LMV393-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com