Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV331M5 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LMV331M5
Description  General-Purpose, Low-Voltage, Tiny Pack Comparators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV331M5 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LMV331M5 Datasheet HTML 10Page - Texas Instruments LMV331M5 Datasheet HTML 11Page - Texas Instruments LMV331M5 Datasheet HTML 12Page - Texas Instruments LMV331M5 Datasheet HTML 13Page - Texas Instruments LMV331M5 Datasheet HTML 14Page - Texas Instruments LMV331M5 Datasheet HTML 15Page - Texas Instruments LMV331M5 Datasheet HTML 16Page - Texas Instruments LMV331M5 Datasheet HTML 17Page - Texas Instruments LMV331M5 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
LMV331-N, LMV339-N, LMV393-N
SNOS018H – AUGUST 1999 – REVISED DECEMBER 2014
www.ti.com
Application Information (continued)
Figure 16. Driving TTL
8.1.5 AND Gates
The comparator can be used as three input AND gate. The operation of the gate is as follows:
The resistor divider at the inverting input establishes a reference voltage at that node. The non-inverting input is
the sum of the voltages at the inputs divided by the voltage dividers. The output will go high only when all three
inputs are high, casing the voltage at the non-inverting input to go above that at inverting input. The circuit values
shown work for a 0 equal to ground and a 1 equal to 5 V.
The resistor values can be altered if different logic levels are desired. If more inputs are required, diodes are
recommended to improve the voltage margin when all but one of the inputs are high.
Figure 17. AND Gate
8.1.6 OR Gates
A three input OR gate is achieved from the basic AND gate simply by increasing the resistor value connected
from the inverting input to Vcc, thereby reducing the reference voltage.
A logic 1 at any of the inputs will produce a logic 1 at the output.
14
Submit Documentation Feedback
Copyright © 1999–2014, Texas Instruments Incorporated
Product Folder Links: LMV331-N LMV339-N LMV393-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com