Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD3312D Datasheet(PDF) 59 Page - STMicroelectronics

Part # UPSD3312D
Description  fast 8032 MCU with programmable logic
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3312D Datasheet(HTML) 59 Page - STMicroelectronics

Back Button UPSD3312D Datasheet HTML 55Page - STMicroelectronics UPSD3312D Datasheet HTML 56Page - STMicroelectronics UPSD3312D Datasheet HTML 57Page - STMicroelectronics UPSD3312D Datasheet HTML 58Page - STMicroelectronics UPSD3312D Datasheet HTML 59Page - STMicroelectronics UPSD3312D Datasheet HTML 60Page - STMicroelectronics UPSD3312D Datasheet HTML 61Page - STMicroelectronics UPSD3312D Datasheet HTML 62Page - STMicroelectronics UPSD3312D Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 272 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
UPSD33xx
Debug unit
Doc ID 9685 Rev 7
59/272
12
Debug unit
The 8032 MCU module supports run-time debugging through the JTAG interface. This same
JTAG interface is also used for in-system programming (ISP) and the physical connections
are described in the PSD module section, Section 27.5.1: JTAG ISP and JTAG debug on
page 233.
Debugging with a serial interface such as JTAG is a non-intrusive way to gain access to the
internal state of the 8032 MCU core and various memories. A traditional external hardware
emulator cannot be completely effective on the UPSD33xx because of the Pre-Fetch Queue
and Branch Cache. The nature of the PFQ and BC hide the visibility of actual program flow
through traditional external bus connections, thus requiring on-chip serial debugging
instead.
Debugging is supported by Windows PC based software tools used for 8051 code
development from 3rd party vendors listed at www.st.com/mcu. Debug capabilities include:
●
Halt or start MCU execution
●
Reset the MCU
●
Single step
●
3 match breakpoints
●
1 range breakpoint (inside or outside range)
●
Program tracing
●
Read or modify MCU core registers, DATA, IDATA, SFR, XDATA, and code
●
External Debug Event pin, input or output
Some key points regarding use of the JTAG debugger.
●
The JTAG debugger can access MCU registers, data memory, and code memory while
the MCU is executing at full speed by cycle-stealing. This means “watch windows” may
be displayed and periodically updated on the PC during full speed operation. registers
and data content may also be modified during full speed operation.
●
There is no on-chip storage for Program Trace data, but instead this data is scanned
from the UPSD33xx through the JTAG channel at run-time to the PC host for
processing. As such, full speed program tracing is possible only when the 8032 MCU is
operating below approximately one MIPS of performance. Above one MIPS, the
program will not run real-time while tracing. One MIPS performance is determined by
the combination of choice for MCU clock frequency, and the bit settings in SFR
registers BUSCON and CCON0.
●
Breakpoints can optionally halt the MCU, and/or assert the external Debug Event pin.
●
Breakpoint definitions may be qualified with read or write operations, and may also be
qualified with an address of code, SFR, DATA, IDATA, or XDATA memories.
●
Three breakpoints will compare an address, but the fourth breakpoint can compare an
address and also data content. Additionally, the fourth breakpoint can be logically
combined (AND/OR) with any of the other three breakpoints.
●
The Debug Event pin can be configured by the PC host to generate an output pulse for
external triggering when a break condition is met. The pin can also be configured as an
event input to the breakpoint logic, causing a break on the falling-edge of an external



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com