Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD3312D Datasheet(PDF) 13 Page - STMicroelectronics

Part # UPSD3312D
Description  fast 8032 MCU with programmable logic
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3312D Datasheet(HTML) 13 Page - STMicroelectronics

Back Button UPSD3312D Datasheet HTML 9Page - STMicroelectronics UPSD3312D Datasheet HTML 10Page - STMicroelectronics UPSD3312D Datasheet HTML 11Page - STMicroelectronics UPSD3312D Datasheet HTML 12Page - STMicroelectronics UPSD3312D Datasheet HTML 13Page - STMicroelectronics UPSD3312D Datasheet HTML 14Page - STMicroelectronics UPSD3312D Datasheet HTML 15Page - STMicroelectronics UPSD3312D Datasheet HTML 16Page - STMicroelectronics UPSD3312D Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 272 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
UPSD33xx
List of tables
Doc ID 9685 Rev 7
13/272
Table 100.
CCON2 register bit definition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 155
Table 101.
CCON3 register (SFR 0FCh, Reset Value 10h) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 155
Table 102.
CCON3 register bit definition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 155
Table 103.
PCA0 Control register PCACON0 (SFR 0A4h, Reset Value 00h) . . . . . . . . . . . . . . . . . . 159
Table 104.
PCACON0 register bit definition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 159
Table 105.
PCA1 Control register PCACON1 (SFR 0BCh, Reset Value 00h) . . . . . . . . . . . . . . . . . . 160
Table 106.
PCACON1 register bit definition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 160
Table 107.
PCA Status register PCASTA (SFR 0A5h, Reset Value 00h) . . . . . . . . . . . . . . . . . . . . . 161
Table 108.
PCASTA register bit definition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 161
Table 109.
TCMMODE0 - TCMMODE5 (6 registers, Reset Value 00h). . . . . . . . . . . . . . . . . . . . . . . 162
Table 110.
TCMMODEx register bit definition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 162
Table 111.
TCMMODE register configurations . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 163
Table 112.
UPSD33xx memory configuration. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 166
Table 113.
General I/O pins on PSD module . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 169
Table 114.
HDL statement example generated from PSDsoft for memory map. . . . . . . . . . . . . . . . . 172
Table 115.
VM register (address = csiop + offset E2h) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 178
Table 116.
CSIOP registers and their Offsets (in hexadecimal . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 180
Table 117.
Flash memory instruction sequences . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 184
Table 118.
Flash Memory Status bit definition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 187
Table 119.
Main Flash Memory Protection register definition (address = csiop + offset C0h) . . . . . . 193
Table 120.
Secondary Flash Memory Protection/Security register Definition (csiop+offset C2h) . . . 193
Table 121.
DPLD and GPLD inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 194
Table 122.
OMC port and data bit assignments . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 203
Table 123.
Output Macrocell MCELLAB (address = csiop + offset 20h) . . . . . . . . . . . . . . . . . . . . . . 204
Table 124.
Output Macrocell MCELLAC (address = csiop + offset 21h) . . . . . . . . . . . . . . . . . . . . . . 204
Table 125.
Output Macrocell MCELLAB Mask register (address = csiop + offset 22h) . . . . . . . . . . . 204
Table 126.
Output Macrocell MCELLBC Mask register (address = csiop + offset 23h) . . . . . . . . . . . 204
Table 127.
Input Macrocell Port A (address = csiop + offset 0Ah) . . . . . . . . . . . . . . . . . . . . . . . . . . . 206
Table 128.
Input Macrocell Port B (address = csiop + offset 0Bh) . . . . . . . . . . . . . . . . . . . . . . . . . . . 206
Table 129.
Input Macrocell Port C (address = csiop + offset 18h) . . . . . . . . . . . . . . . . . . . . . . . . . . . 206
Table 130.
Port operating modes . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 208
Table 131.
Port configuration setting requirements . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 209
Table 132.
MCU I/O Mode Port A Data In register (address = csiop + offset 00h). . . . . . . . . . . . . . . 210
Table 133.
MCU I/O Mode Port B Data In register (address = csiop + offset 01h). . . . . . . . . . . . . . . 210
Table 134.
MCU I/O Mode Port C Data In register (address = csiop + offset 10h). . . . . . . . . . . . . . . 210
Table 135.
MCU I/O Mode Port D Data Inregister (address = csiop + offset 11h) . . . . . . . . . . . . . . . 210
Table 136.
MCU I/O Mode Port A Data Out register (address =csiop+offset 04h) . . . . . . . . . . . . . . . 210
Table 137.
MCU I/O Mode Port B Data Out register (address = csiop + offset 05h) . . . . . . . . . . . . . 210
Table 138.
MCU I/O Mode Port C Data Out register (address = csiop + offset 12h) . . . . . . . . . . . . . 211
Table 139.
MCU I/O Mode Port D Data Out register (address = csiop + offset 13h) . . . . . . . . . . . . . 211
Table 140.
MCU I/O Mode Port A Direction register (address=csiop+offset 06h) . . . . . . . . . . . . . . . 211
Table 141.
MCU I/O Mode Port B Direction Inregister (address=csiop+offset 07h) . . . . . . . . . . . . . . 211
Table 142.
MCU I/O Mode Port C Direction register (address = csiop + offset 14h) . . . . . . . . . . . . . 211
Table 143.
MCU I/O Mode Port DDirection register (address = csiop + offset 15h) . . . . . . . . . . . . . . 211
Table 144.
Latched Address output, Port A Control register (address = csiop+offset 02h) . . . . . . . . 214
Table 145.
Latched Address output, Port B Control register (address = csiop+offset 03h) . . . . . . . . 215
Table 146.
Port A Pin Drive Select register (address = csiop + offset 08h) . . . . . . . . . . . . . . . . . . . . 217
Table 147.
Port B Pin Drive Select register (address = csiop + offset 09h) . . . . . . . . . . . . . . . . . . . . 217
Table 148.
Port C Pin Drive Select register (address = csiop + offset 16h) . . . . . . . . . . . . . . . . . . . . 217
Table 149.
Port D Pin Drive Select register (address = csiop + offset 17h) . . . . . . . . . . . . . . . . . . . . 217
Table 150.
Port A Enable Out register (address = csiop + offset 0Ch). . . . . . . . . . . . . . . . . . . . . . . . 217
Table 151.
Port B Enable Out register (address = csiop + offset 0Dh). . . . . . . . . . . . . . . . . . . . . . . . 218



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com