Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFBR030U3LP Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DFBR030U3LP
Description  3.0A SBR FULL BRIDGE RECTIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DFBR030U3LP Datasheet(HTML) 3 Page - Diodes Incorporated

  DFBR030U3LP Datasheet HTML 1Page - Diodes Incorporated DFBR030U3LP Datasheet HTML 2Page - Diodes Incorporated DFBR030U3LP Datasheet HTML 3Page - Diodes Incorporated DFBR030U3LP Datasheet HTML 4Page - Diodes Incorporated DFBR030U3LP Datasheet HTML 5Page - Diodes Incorporated DFBR030U3LP Datasheet HTML 6Page - Diodes Incorporated DFBR030U3LP Datasheet HTML 7Page - Diodes Incorporated DFBR030U3LP Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SBR is a registered trademark of Diodes Incorporated.
DFBR030U3LP
Document number: DS35994 Rev. 8 - 2
3 of 8
www.diodes.com
June 2015
© Diodes Incorporated
DFBR030U3LP
Electrical Characteristics
– Q1, Q2 (@T
A = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
30
V
VGS = 0V, ID = 250µA
Zero Gate Voltage Drain Current
IDSS
220
µA
VDS = 30V, VGS = 0V
Gate-Source Leakage
IGSS
200
µA
VGS = 20V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(th)
1
2.2
V
VDS = VGS, ID = 250µA
Static Drain-Source On-Resistance
RDS(ON)
13
17
22
23
--
26
--
32
m
Ω
VGS = 10V, ID = 2.0A
VGS = 10V, ID = 3.2A
VGS = 4.5V, ID = 2.0A
VGS = 4.5V, ID = 3.2A
Forward Transconductance
gfs
7
S
VDS =15V, ID = 2.0A
Diode Forward Voltage (Note 7)
VSD
0.5
1.2
V
VGS = 0V, IS = 2.25A
Electrical Characteristics
– DFBR030U3LP (@T
A = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Rectifying Forward Voltage (Note 7)
Vfd2
0.45
0.56
V
Input voltage VLL = ±5V;
The output current of Rectifier
IOUT = 2A
Rectifier leakage current
Ileak
30
1000
µA
Input voltage VLL = 16V;
No Load on the Rectifier output
Rectifier Reverse leakage current
Irleak
20
1000
µA
Input voltage VLL = 0V;
The output voltage of the
Rectifier VOUT = 5V
Note:
7. Short duration pulse test used to minimize self-heating effect.
Pulse width ≤ 300μs, duty cycle ≤ 2%.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com