Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFBR030U3LP Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DFBR030U3LP
Description  3.0A SBR FULL BRIDGE RECTIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DFBR030U3LP Datasheet(HTML) 1 Page - Diodes Incorporated

  DFBR030U3LP Datasheet HTML 1Page - Diodes Incorporated DFBR030U3LP Datasheet HTML 2Page - Diodes Incorporated DFBR030U3LP Datasheet HTML 3Page - Diodes Incorporated DFBR030U3LP Datasheet HTML 4Page - Diodes Incorporated DFBR030U3LP Datasheet HTML 5Page - Diodes Incorporated DFBR030U3LP Datasheet HTML 6Page - Diodes Incorporated DFBR030U3LP Datasheet HTML 7Page - Diodes Incorporated DFBR030U3LP Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SBR is a registered trademark of Diodes Incorporated.
DFBR030U3LP
Document number: DS35994 Rev. 8 - 2
1 of 8
www.diodes.com
June 2015
© Diodes Incorporated
DFBR030U3LP
3.0A SBR
® FULL BRIDGE RECTIFIER
Features
Dual 30V N-Channel MOSFETs (Q1, Q2) with Dual 3.0A Super
Barrier Rectifier Diodes (D1, D2) packaged in a 4.0 x 4.0 x
0.6mm DFN package
Full-Bridge Rectifier Block
Super Barrier Rectifiers (D1, D2)
Ultra low forward voltage drop
Patented Super Barrier Rectifier technology
+150°C operating temperature
±8kV ESD protection (HBM, 3B)
±25kV ESD protection (IEC61000-4-2 Level 4, Air
Discharge)
N-Channel MOSFET (Q1, Q2)
Low On-Resistance to minimize conduction loss
Low Gate Threshold Voltage
Low Input Capacitance
Fast Switching Speed
Low Input/Output Leakage
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Mechanical Data
Case: U-DFN4040-8
Case Material: Molded Plastic, “Green” Molding Compound;
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: NiPdAu over Copper Leadframe (Lead-Free Plating);
Solderable per MIL-STD-202, Method 208
Terminal Connections: See Diagram
Weight: 0.031 grams
Applications
Wireless Charging
AC-DC Rectification
Optimized for Power Management Applications
for Portable Products
Ordering Information (Note 4)
Part Number
Compliance
Case
Packaging
DFBR030U3LP-13
Standard
U-DFN4040-8
4,000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Top View
Pin Configuration
Device Schematic (Dual Channel)
FB302 = Product Type Marking Code
YYWW = Date Code Marking
YY = Last Digit of Year (ex: 15 for 2015)
WW = Week Code (01 to 53)
FB302
YYWW
e4
V
OUT
L1_1
GND1
GND1
GND2
GND2
V
OUT
L1_2
V
OUT
V
OUT
L1_1
GND1
GND2
L1_2
D1
Q1
D2
Q2
U-DFN4040-8
U-DFN4040-8


Similar Part No. - DFBR030U3LP

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
DFB-1310-10LR-LC FINISAR-DFB-1310-10LR-LC Datasheet
231Kb / 7P
DFB LASER DIODE LC TOSA
DFB-1310-10LR-LCA FINISAR-DFB-1310-10LR-LCA Datasheet
249Kb / 5P
1310nm DFB Laser Diode LC TOSA
DFB-1310-4I-50SMF-FCAPC FINISAR-DFB-1310-4I-50SMF-FCAPC Datasheet
185Kb / 5P
DFB LASER DIODE PIGTAILED PACKAGE
DFB-1310-4I-50SMF-FCUPC FINISAR-DFB-1310-4I-50SMF-FCUPC Datasheet
185Kb / 5P
DFB LASER DIODE PIGTAILED PACKAGE
DFB-1310-4I-50SMF-SCAPC FINISAR-DFB-1310-4I-50SMF-SCAPC Datasheet
185Kb / 5P
DFB LASER DIODE PIGTAILED PACKAGE
More results

Similar Description - DFBR030U3LP

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC300 WTE-KBPC300 Datasheet
32Kb / 3P
3.0A BRIDGE RECTIFIER
logo
Diodes Incorporated
PBPC301 DIODES-PBPC301 Datasheet
51Kb / 2P
3.0A BRIDGE RECTIFIER
DS21345 Rev. C-2
SBR3M30P1 DIODES-SBR3M30P1 Datasheet
343Kb / 4P
3.0A SBR Surface Mount Super Barrier Rectifier
SBR3M30P1 Rev. 4 - 2
logo
DONGGUAN YOU FENG WEI E...
KBP301 YFWDIODE-KBP301 Datasheet
3Mb / 2P
3.0A BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
KBP301 ZSELEC-KBP301 Datasheet
338Kb / 2P
3.0A BRIDGE RECTIFIER
KBP301G ZSELEC-KBP301G Datasheet
338Kb / 2P
3.0A BRIDGE RECTIFIER
KBP3005 ZSELEC-KBP3005 Datasheet
338Kb / 2P
3.0A BRIDGE RECTIFIER
3RS101M ZSELEC-3RS101M Datasheet
95Kb / 2P
3.0A BRIDGE RECTIFIER
D3KB05 ZSELEC-D3KB05 Datasheet
117Kb / 2P
3.0A BRIDGE RECTIFIER
GBP301 ZSELEC-GBP301_V01 Datasheet
85Kb / 2P
3.0A BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com