Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMHC3025LSDQ Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DMHC3025LSDQ
Description  30V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMHC3025LSDQ Datasheet(HTML) 5 Page - Diodes Incorporated

  DMHC3025LSDQ Datasheet HTML 1Page - Diodes Incorporated DMHC3025LSDQ Datasheet HTML 2Page - Diodes Incorporated DMHC3025LSDQ Datasheet HTML 3Page - Diodes Incorporated DMHC3025LSDQ Datasheet HTML 4Page - Diodes Incorporated DMHC3025LSDQ Datasheet HTML 5Page - Diodes Incorporated DMHC3025LSDQ Datasheet HTML 6Page - Diodes Incorporated DMHC3025LSDQ Datasheet HTML 7Page - Diodes Incorporated DMHC3025LSDQ Datasheet HTML 8Page - Diodes Incorporated DMHC3025LSDQ Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
DMHC3025LSDQ
Document number: DS37220 Rev. 1 - 2
5 of 9
www.diodes.com
May 2014
© Diodes Incorporated
DMHC3025LSDQ
0.01
0.02
0.03
0.04
0.05
0.06
0
-50 -25
0
25
50
75
100
125 150
T , JUNCTION TEMPERATURE ( C)
Figure 7 On-Resistance Variation with Temperature
J
°
V
= 4.5V
I= 5A
GS
D
V=
V
I = 10A
GS
D
10
0.5
1.5
2.5
0
1.0
2.0
3.0
-50
-25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE ( C)
Figure 8 Gate Threshold Variation vs. Ambient Temperature
J
°
I= 1mA
D
I = 250µA
D
0
0.3
0.6
0.9
1.2
1.5
V , SOURCE-DRAIN VOLTAGE (V)
SD
Figure 9 Diode Forward Voltage vs. Current
10
15
20
0
5
T= 25°C
A
T = -55°C
A
T= 85°C
A
T= 125°C
A
T = 150°C
A
0
5
10
15
20
25
30
V , DRAIN-SOURCE VOLTAGE (V)
DS
Figure 10 Typical Junction Capacitance
1,000
100
10
Ciss
Coss
Crss
f = 1MHz
0
2
4
6
8
10
12
Q(nC)
g, TOTAL GATE CHARGE
Figure 11 Gate Charge
0
2
4
6
8
10
V
= 15V
I=
A
DS
D
7.8



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com