Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMHC3025LSDQ Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMHC3025LSDQ
Description  30V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMHC3025LSDQ Datasheet(HTML) 3 Page - Diodes Incorporated

  DMHC3025LSDQ Datasheet HTML 1Page - Diodes Incorporated DMHC3025LSDQ Datasheet HTML 2Page - Diodes Incorporated DMHC3025LSDQ Datasheet HTML 3Page - Diodes Incorporated DMHC3025LSDQ Datasheet HTML 4Page - Diodes Incorporated DMHC3025LSDQ Datasheet HTML 5Page - Diodes Incorporated DMHC3025LSDQ Datasheet HTML 6Page - Diodes Incorporated DMHC3025LSDQ Datasheet HTML 7Page - Diodes Incorporated DMHC3025LSDQ Datasheet HTML 8Page - Diodes Incorporated DMHC3025LSDQ Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DMHC3025LSDQ
Document number: DS37220 Rev. 1 - 2
3 of 9
www.diodes.com
May 2014
© Diodes Incorporated
DMHC3025LSDQ
Electrical Characteristics N-CHANNEL (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
30
V
VGS = 0V, ID = 250μA
Zero Gate Voltage Drain Current
IDSS
0.5
μA
VDS = 30V, VGS = 0V
Gate-Source Leakage
IGSS
±1
μA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(th)
1
2
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS (ON)
19
25
mΩ
VGS = 10V, ID = 5A
26
40
VGS = 4.5V, ID = 4A
Forward Transfer Admittance
|Yfs|
4
S
VDS = 5V, ID = 5A
Diode Forward Voltage
VSD
0.70
1.2
V
VGS = 0V, IS = 1.7A
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
590
pF
VDS = 15V, VGS = 0V,
f = 1MHz
Output Capacitance
Coss
122
Reverse Transfer Capacitance
Crss
58
Gate resistance
Rg
1.5
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge (VGS = 4.5V)
Qg
5.4
nC
VDS = 15V, ID = 7.8A
Total Gate Charge (VGS = 10V)
Qg
11.7
Gate-Source Charge
Qgs
1.8
Gate-Drain Charge
Qgd
2.1
Turn-On Delay Time
tD(on)
11.2
ns
VDD = 15V, VGS = 4.5V,
RL = 2.4Ω, RG = 1Ω,
Turn-On Rise Time
tr
15
Turn-Off Delay Time
tD(off)
17.5
Turn-Off Fall Time
tf
8.7
Reverse Recovery Time
trr
18.3
ns
IF = 12A, di/dt = 500A/μs
Reverse Recovery Charge
Qrr
12
nC
Electrical Characteristics P-CHANNEL (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
-30
V
VGS = 0V, ID = -250μA
Zero Gate Voltage Drain Current
IDSS
-0.5
μA
VDS = -30V, VGS = 0V
Gate-Source Leakage
IGSS
±1
μA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(th)
-1
-2
V
VDS = VGS, ID = -250μA
Static Drain-Source On-Resistance
RDS (ON)
43
50
mΩ
VGS = -10V, ID = -5A
68
80
VGS = -4.5V, ID = -4A
Forward Transfer Admittance
|Yfs|
3.5
S
VDS = -5V, ID = -5A
Diode Forward Voltage
VSD
-0.7
-1.2
V
VGS = 0V, IS = -1.7A
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
631
pF
VDS = -15V, VGS = 0V,
f = 1MHz
Output Capacitance
Coss
137
pF
Reverse Transfer Capacitance
Crss
70
pF
Gate resistance
Rg
10.8
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge (VGS = 4.5V)
Qg
5.5
nC
VDS = -15V, ID = -6A
Total Gate Charge (VGS = 10V)
Qg
11.4
nC
Gate-Source Charge
Qgs
1.8
nC
Gate-Drain Charge
Qgd
2.4
nC
Turn-On Delay Time
tD(on)
7.5
ns
VDD = -15V, VGS = -10V,
RG = 6Ω, ID = -1A
Turn-On Rise Time
tr
4.9
ns
Turn-Off Delay Time
tD(off)
28.2
ns
Turn-Off Fall Time
tf
13.5
ns
Reverse Recovery Time
trr
15.1
ns
IF = 12A, di/dt = 500A/μs
Reverse Recovery Charge
Qrr
15.3
nC
Notes:
7. Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com