Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54AC161F Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54AC161F
Description  Synchronous Presettable Binary Counter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54AC161F Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button 54AC161F Datasheet HTML 4Page - National Semiconductor (TI) 54AC161F Datasheet HTML 5Page - National Semiconductor (TI) 54AC161F Datasheet HTML 6Page - National Semiconductor (TI) 54AC161F Datasheet HTML 7Page - National Semiconductor (TI) 54AC161F Datasheet HTML 8Page - National Semiconductor (TI) 54AC161F Datasheet HTML 9Page - National Semiconductor (TI) 54AC161F Datasheet HTML 10Page - National Semiconductor (TI) 54AC161F Datasheet HTML 11Page - National Semiconductor (TI) 54AC161F Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AC Operating Requirements (Continued)
54ACT
V
CC
T
A = −55˚C
Fig.
Symbol
Parameter
(V)
to +125˚C
Units
No.
(Note
11)
C
L = 50 pF
Guaranteed Minimum
t
h
Hold Time, HIGH or LOW
5.0
0
ns
PE to CP
t
s
Setup Time, HIGH or LOW
5.0
7.0
ns
CEP or CET to CP
t
h
Hold Time, HIGH or LOW
5.0
0.5
ns
CEP or CET to CP
t
w
Clock Pulse Width,
5.0
5.0
ns
(Load) HIGH or LOW
t
w
Clock Pulse Width,
5.0
5.0
ns
(Count) HIGH or LOW
t
w
MR Pulse Width, LOW
5.0
6.5
ns
t
rec
Recovery Time
5.0
0.5
ns
MR to CP
Note 11: Voltage Range 5.0 is 5.0V ±0.5V
Capacitance
Symbol
Parameter
Typ
Units
Conditions
C
IN
Input Capacitance
4.5
pF
V
CC = OPEN
C
PD
Power Dissipation Capacitance
45.0
pF
V
CC = 5.0V
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com