Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54AC161F Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54AC161F
Description  Synchronous Presettable Binary Counter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54AC161F Datasheet(HTML) 1 Page - National Semiconductor (TI)

  54AC161F Datasheet HTML 1Page - National Semiconductor (TI) 54AC161F Datasheet HTML 2Page - National Semiconductor (TI) 54AC161F Datasheet HTML 3Page - National Semiconductor (TI) 54AC161F Datasheet HTML 4Page - National Semiconductor (TI) 54AC161F Datasheet HTML 5Page - National Semiconductor (TI) 54AC161F Datasheet HTML 6Page - National Semiconductor (TI) 54AC161F Datasheet HTML 7Page - National Semiconductor (TI) 54AC161F Datasheet HTML 8Page - National Semiconductor (TI) 54AC161F Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
54AC161
• 54ACT161
Synchronous Presettable Binary Counter
General Description
The ’AC/’ACT161 are high-speed synchronous modulo-16
binary counters. They are synchronously presettable for ap-
plication in programmable dividers and have two types of
Count Enable inputs plus a Terminal Count output for versa-
tility in forming synchronous multistage counters. The ’AC/
’ACT161 has an asynchronous Master Reset input that over-
rides all other inputs and forces the outputs LOW.
Features
n ICC reduced by 50%
n Synchronous counting and loading
n High-speed synchronous expansion
n Typical count rate of 125 MHz
n Outputs source/sink 24 mA
n ’ACT161 has TTL-compatible inputs
n Standard Microcircuit Drawing (SMD)
— ’AC161: 5962-89561
— ’ACT161: 5962-91722
Logic Symbols
Pin Names
Description
CEP
Count Enable Parallel Input
CET
Count Enable Trickle Input
CP
Clock Pulse Input
MR
Asynchronous Master Reset Input
P
0–P3
Parallel Data Inputs
PE
Parallel Enable Inputs
Q
0–Q3
Flip-Flop Outputs
TC
Terminal Count Output
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
FACT™ is a trademark of Fairchild Semiconductor Corporation.
DS100274-1
IEEE/IEC
DS100274-2
November 1998
© 1998 National Semiconductor Corporation
DS100274
www.national.com


Similar Part No. - 54AC161F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54AC16240 TI-54AC16240 Datasheet
117Kb / 7P
16-BIT BUS DRIVERS WITH 3-STATE OUTPUTS
54AC16240 TI1-54AC16240 Datasheet
171Kb / 9P
16-BIT BUS DRIVERS WITH 3-STATE OUTPUTS
54AC16240WD TI-54AC16240WD Datasheet
117Kb / 7P
16-BIT BUS DRIVERS WITH 3-STATE OUTPUTS
54AC16244 TI-54AC16244 Datasheet
125Kb / 10P
16-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
54AC16244 TI-54AC16244 Datasheet
335Kb / 12P
16-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - 54AC161F

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74AC161 ONSEMI-MC74AC161 Datasheet
192Kb / 15P
Synchronous Presettable Binary Counter
March, 2006 ??Rev. 7
logo
Fairchild Semiconductor
74AC163 FAIRCHILD-74AC163 Datasheet
112Kb / 11P
Synchronous Presettable Binary Counter
74F161A FAIRCHILD-74F161A Datasheet
96Kb / 8P
Synchronous Presettable Binary Counter
logo
Hitachi Semiconductor
HD74ACT161 HITACHI-HD74ACT161 Datasheet
70Kb / 14P
Synchronous Presettable Binary Counter
logo
Fairchild Semiconductor
74163 FAIRCHILD-74163 Datasheet
112Kb / 11P
Synchronous Presettable Binary Counter
logo
AVG Semiconductors(HITE...
DV74ACT163 AVG-DV74ACT163 Datasheet
438Kb / 5P
Synchronous Presettable Binary counter
logo
Motorola, Inc
MC74F161A MOTOROLA-MC74F161A Datasheet
102Kb / 4P
SYNCHRONOUS PRESETTABLE BINARY COUNTER
logo
Fairchild Semiconductor
74AC161 FAIRCHILD-74AC161_03 Datasheet
155Kb / 11P
Synchronous Presettable Binary Counter
logo
Renesas Technology Corp
HD74ACT161 RENESAS-HD74ACT161 Datasheet
221Kb / 9P
Synchronous Presettable Binary Counter
logo
ON Semiconductor
MC74AC161 ONSEMI-MC74AC161_15 Datasheet
115Kb / 12P
Synchronous Presettable Binary Counter
January, 2015 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com