Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFCLL036B-V1 Datasheet(PDF) 2 Page - NICHIA CORPORATION

Part # NFCLL036B-V1
Description  Built-in ESD Protection Device
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NFCLL036B-V1 Datasheet(HTML) 2 Page - NICHIA CORPORATION

  NFCLL036B-V1 Datasheet HTML 1Page - NICHIA CORPORATION NFCLL036B-V1 Datasheet HTML 2Page - NICHIA CORPORATION NFCLL036B-V1 Datasheet HTML 3Page - NICHIA CORPORATION NFCLL036B-V1 Datasheet HTML 4Page - NICHIA CORPORATION NFCLL036B-V1 Datasheet HTML 5Page - NICHIA CORPORATION NFCLL036B-V1 Datasheet HTML 6Page - NICHIA CORPORATION NFCLL036B-V1 Datasheet HTML 7Page - NICHIA CORPORATION NFCLL036B-V1 Datasheet HTML 8Page - NICHIA CORPORATION NFCLL036B-V1 Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
NICHIA STS-DA1-3932C <Cat.No.151207>
1
SPECIFICATIONS
(1) Absolute Maximum Ratings
Item
Symbol
Absolute Maximum Rating
Unit
Forward Current
IF
540
mA
Pulse Forward Current
IFP
810
mA
Allowable Reverse Current
IR
85
mA
Power Dissipation
PD
19.7
W
Operating Temperature
Topr
-40~105
°C
Storage Temperature
Tstg
-40~100
°C
Junction Temperature
TJ
140
°C
* Absolute Maximum Ratings at TC=25°C.
* IFP conditions with pulse width ≤10ms and duty cycle ≤10%.
* The operating Temperature (Topr) range is the range of case temperatures.
(2) Initial Electrical/Optical Characteristics
Item
Symbol
Condition
Typ
Max
Unit
Forward Voltage
VF
IF=260mA
35.0
-
V
R70
Luminous Flux
Φv
IF=260mA
1540
-
lm
Color Rendering Index
Ra
IF=260mA
73
-
-
R8000
Luminous Flux
Φv
IF=260mA
1440
-
lm
Color Rendering Index
Ra
IF=260mA
83
-
-
R9050
Luminous Flux
Φv
IF=260mA
1190
-
lm
Color Rendering Index
Ra
IF=260mA
93
-
-
Chromaticity Coordinate
x
-
IF=260mA
0.4338
-
-
y
-
IF=260mA
0.4030
-
-
Thermal Resistance
RθJC
-
1.8
2.1
°C/W
* Characteristics at TC=25°C.
* Luminous Flux value as per CIE 127:2007 standard.
* Chromaticity Coordinates as per CIE 1931 Chromaticity Chart.
* RθJC is Thermal Resistance from junction to TC measuring point.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com