Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFCLL036B-V1 Datasheet(PDF) 21 Page - NICHIA CORPORATION

Part # NFCLL036B-V1
Description  Built-in ESD Protection Device
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NFCLL036B-V1 Datasheet(HTML) 21 Page - NICHIA CORPORATION

Back Button NFCLL036B-V1 Datasheet HTML 17Page - NICHIA CORPORATION NFCLL036B-V1 Datasheet HTML 18Page - NICHIA CORPORATION NFCLL036B-V1 Datasheet HTML 19Page - NICHIA CORPORATION NFCLL036B-V1 Datasheet HTML 20Page - NICHIA CORPORATION NFCLL036B-V1 Datasheet HTML 21Page - NICHIA CORPORATION NFCLL036B-V1 Datasheet HTML 22Page - NICHIA CORPORATION NFCLL036B-V1 Datasheet HTML 23Page - NICHIA CORPORATION NFCLL036B-V1 Datasheet HTML 24Page - NICHIA CORPORATION NFCLL036B-V1 Datasheet HTML 25Page - NICHIA CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
NICHIA STS-DA1-3932C <Cat.No.151207>
20
RELIABILITY
(1) Tests and Results
Test
Reference
Standard
Test Conditions
Test
Duration
Failure
Criteria
#
Units
Failed/Tested
Temperature Cycle
JEITA ED-4701
100 105
-40°C(30min)~25°C(5min)~
100°C(30min)~25°C(5min)
100cycles
#1
0/10
High Temperature
Storage
JEITA ED-4701
200 201
TA=100°C
1000hours
#1
0/10
Temperature Humidity
Storage
JEITA ED-4701
100 103
TA=60°C, RH=90%
1000hours
#1
0/10
Low Temperature
Storage
JEITA ED-4701
200 202
TA=-40°C
1000hours
#1
0/10
High Temperature
Operating Life
TC=97°C, IF=540mA
1000hours
#1
0/10
Electrostatic Discharges
JEITA ED-4701
300 304
HBM, 2kV, 1.5kΩ, 100pF, 3pulses,
alternately positive or negative
#1
0/10
NOTES:
Measurements are performed after allowing the LEDs to return to room temperature.
(2) Failure Criteria
Criteria #
Items
Conditions
Failure Criteria
#1
Forward Voltage(VF)
IF=260mA
>Initial value×1.1
Luminous Flux(ΦV)
IF=260mA
<Initial value×0.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com