Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8480MMX-S/NOPB Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8480MMX-S/NOPB
Description  High-Side Current Sense Amplifiers With Voltage Output
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8480MMX-S/NOPB Datasheet(HTML) 17 Page - Texas Instruments

Back Button LMP8480MMX-S/NOPB Datasheet HTML 13Page - Texas Instruments LMP8480MMX-S/NOPB Datasheet HTML 14Page - Texas Instruments LMP8480MMX-S/NOPB Datasheet HTML 15Page - Texas Instruments LMP8480MMX-S/NOPB Datasheet HTML 16Page - Texas Instruments LMP8480MMX-S/NOPB Datasheet HTML 17Page - Texas Instruments LMP8480MMX-S/NOPB Datasheet HTML 18Page - Texas Instruments LMP8480MMX-S/NOPB Datasheet HTML 19Page - Texas Instruments LMP8480MMX-S/NOPB Datasheet HTML 20Page - Texas Instruments LMP8480MMX-S/NOPB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
LMP8480, LMP8481
www.ti.com
SNVS829C – MARCH 1999 – REVISED SEPTEMBER 2015
Feature Description (continued)
8.3.10 Maximum Output Voltage
The LMP8481 has an internal precision 14-V low-dropout regulator which limits the maximum amplifier output
swing to about 250 mV below VCC or 13.7 V (whichever is less). This effectively clamps the maximum output to
slightly less than 13.7 V even with a VCC greater than 14 V. See Typical Application With Resistive Divider for
more information.
8.4 Device Functional Modes
8.4.1 Unidirectional vs Bidirectional Operation
Unidirectional operation is where the load current only flows in one direction (VSENSE is always positive).
Application examples would be PA monitoring, non-inductive load monitoring and laser or LED drivers. This
allows the output zero reference to be true zero volts on the output. The LMP8480 is designed for unidirectional
applications where the setting of VREF is not required. See the Unidirectional Application With LMP8480 for
more details.
Bidirectional operation is where the load current can flow in both directions (VSENSE can be positive or negative).
Application examples would be battery-charging or regenerative motor monitoring. The LMP8481 is designed for
bidirectional applications and has a pair of VREF pins to allow the setting of the output zero reference level
(VREF). See the Unidirectional Application With LMP8480 section for more details.
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LMP8480 LMP8481



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com