Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8480MMX-S/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8480MMX-S/NOPB
Description  High-Side Current Sense Amplifiers With Voltage Output
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8480MMX-S/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMP8480MMX-S/NOPB Datasheet HTML 9Page - Texas Instruments LMP8480MMX-S/NOPB Datasheet HTML 10Page - Texas Instruments LMP8480MMX-S/NOPB Datasheet HTML 11Page - Texas Instruments LMP8480MMX-S/NOPB Datasheet HTML 12Page - Texas Instruments LMP8480MMX-S/NOPB Datasheet HTML 13Page - Texas Instruments LMP8480MMX-S/NOPB Datasheet HTML 14Page - Texas Instruments LMP8480MMX-S/NOPB Datasheet HTML 15Page - Texas Instruments LMP8480MMX-S/NOPB Datasheet HTML 16Page - Texas Instruments LMP8480MMX-S/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
VCC = +4.5V to +76V
CBYPASS
0.12F
To Load
+4.0V
to
+76V
RSENSE
ISENSE
RSN
RSP
REFA
REFB
GND
LMP8481
VSENSE
VOUT
VCC
OUTPUT
LMP8480, LMP8481
www.ti.com
SNVS829C – MARCH 1999 – REVISED SEPTEMBER 2015
Feature Description (continued)
Figure 21 shows the basic connections for the LMP8481 for Bidirectional applications centering the output at
one-half the applied VREF or VCC voltage. If VREFA is connected to VCC, then the output "zero" point will be VCC/2.
If VREFA is connected to the ADC VREF line, then the "zero" output will be at mid-scale for the ADC.
Figure 22. LMP8481 Connections for Unidirectional Configuration (Equivalent to LMP8480 Unidirectional)
Figure 22 shows the how to connect the LMP8481 for Bidirectional applications, thus making it equivalent to the
LMP8480 in Figure 19.
8.3.2 Selection of the Sense Resistor
The accuracy of the current measurement depends heavily on the accuracy of the shunt resistor RSENSE. Its
value depends on the application and is a compromise between small-signal accuracy, maximum permissible
voltage drop and allowable power dissipation in the current measurement circuit.
The use of a “4-terminal” or “Kelvin” sense resistor is highly recommended. See the Layout Guidelines.
For best results, the value of the resistor is calculated from the maximum expected load current ILMAX and the
expected maximum output swing VOUTMAX, plus a few percent of headroom. See the Maximum Output Voltage
section for details about the maximum output voltage limits.
High values of RSENSE provide better accuracy at lower currents by minimizing the effects of amplifier offset. Low
values of RSENSE minimize load voltage loss, but at the expense of accuracy at low currents. A compromise
between low current accuracy and load circuit losses must generally be made.
The maximum VSENSE voltage that must be generated across the RSENSE resistor will be:
VSENSE = VOUTMAX / AV
(1)
NOTE
The maximum VSENSE voltage should be no more than 667 mV.
From this maximum VSENSE voltage, the RSENSE value can be calculated from:
RSENSE = VSENSE / ILMAX
(2)
Take care not exceed the maximum power dissipation of the resistor. The maximum sense resistor power
dissipation will be:
PRSENSE = VSENSE × ILMAX
(3)
TI recommends using a 2-3x minimum safety margin in selecting the power rating of the resistor.
8.3.3 Using PCB Traces as Sense Resistors
While it may be tempting to use a known length of PCB trace resistance as a sense resistor, it is not
recommended.
The temperature coefficient of copper is typically 3300-4000 ppm/°K, which can vary over PCB process
variations and require measurement correction (possibly requiring ambient temperature measurements).
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMP8480 LMP8481



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com