Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8481MMX-S/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8481MMX-S/NOPB
Description  High-Side Current Sense Amplifiers With Voltage Output
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8481MMX-S/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LMP8481MMX-S/NOPB Datasheet HTML 1Page - Texas Instruments LMP8481MMX-S/NOPB Datasheet HTML 2Page - Texas Instruments LMP8481MMX-S/NOPB Datasheet HTML 3Page - Texas Instruments LMP8481MMX-S/NOPB Datasheet HTML 4Page - Texas Instruments LMP8481MMX-S/NOPB Datasheet HTML 5Page - Texas Instruments LMP8481MMX-S/NOPB Datasheet HTML 6Page - Texas Instruments LMP8481MMX-S/NOPB Datasheet HTML 7Page - Texas Instruments LMP8481MMX-S/NOPB Datasheet HTML 8Page - Texas Instruments LMP8481MMX-S/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LMP8480, LMP8481
SNVS829C – MARCH 1999 – REVISED SEPTEMBER 2015
LMP848x Precision 76-V High-Side Current Sense Amplifiers With Voltage Output
1 Features
3 Description
The LMP8480 and LMP8481 are precision high-side
1
•
Typical Values, TA = 25°C
current
sense
amplifiers
that
amplify
a
small
•
Bidirectional or Unidirectional Sensing
differential voltage developed across a current sense
•
Common Mode Voltage Range 4.0 V to 76 V
resistor in the presence of high input common-mode
voltages.
These
amplifiers
are
designed
for
•
Supply Voltage Range 4.5 V to 76 V
bidirectional (LMP8481) or unidirectional (LMP8480)
•
Fixed Gains 20, 60 and 100 V/V
current applications and will accept input signals with
•
Gain Accuracy ±0.1%
common-mode voltage range from 4 V to 76 V with a
bandwidth of 270 kHz. Since the operating power
•
Offset ±80 µV
supply range overlaps the input common-mode
•
Bandwidth (–3dB) 270 kHz
voltage range, the LMP848x can be powered by the
•
Quiescent Current < 100 µA
same voltage that is being monitored. This benefit
•
Buffered High-Current Output > 5 mA
eliminates the need for an intermediate supply
voltage to be routed to the point of load where the
•
Input Bias Current 7 µA
current is being monitored, resulting in reduced
•
PSRR (DC) 122 dB
component count and board space.
•
CMRR (DC) 124 dB
The LMP848x family consists of fixed gains of 20, 60
•
Temperature Range –40°C to 125°C
and 100 for applications that demand high accuracy
•
8-Pin VSSOP Package
over temperature. The low-input offset voltage allows
the use of smaller sense resistors without sacrificing
2 Applications
system error. The wide operating temperature range
of –40°C to 125°C makes the LMP848x an ideal
•
High-Side Current Sense
choice for automotive, telecommunications, industrial,
•
Vehicle Current Measurement
and
consumer
applications.
The
LMP8480
and
LMP8481
are
pin-for-pin
replacements
for
the
•
Telecommunications
MAX4080 and MAX4081, offering improved offset
•
Motor Controls
voltage, wider reference adjust range and higher
•
Laser or LED Drivers
output drive capabilities. The LMP8480 and LMP8481
•
Energy Management
are available in a 8-pin VSSOP package.
•
Solar Panel Monitoring
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Typical Application Schematic
LMP8480
VSSOP (8)
3.00 mm x 3.00 mm
LMP8481
VSSOP (8)
3.00 mm x 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.


Similar Part No. - LMP8481MMX-S/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP8481MM-S/NOPB TI-LMP8481MM-S/NOPB Datasheet
992Kb / 24P
Precision 76V High-Side Current Sense Amplifiers with Voltage Output
More results

Similar Description - LMP8481MMX-S/NOPB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4080 MAXIM-MAX4080 Datasheet
410Kb / 15P
76V, High-Side, Current-Sense Amplifiers with Voltage Output
19-2562; Rev 0; 10/02
MAX4080 MAXIM-MAX4080_08 Datasheet
398Kb / 16P
76V, High-Side, Current-Sense Amplifiers with Voltage Output
Rev 1; 11/08
MAX4080 MAXIM-MAX4080_10 Datasheet
320Kb / 14P
76V, High-Side, Current-Sense Amplifiers with Voltage Output
Rev 3; 5/10
MAX4080 MAXIM-MAX4080_11 Datasheet
330Kb / 14P
76V, High-Side, Current-Sense Amplifiers with Voltage Output
Rev 4; 7/11
logo
Texas Instruments
LMP8480 TI-LMP8480 Datasheet
992Kb / 24P
Precision 76V High-Side Current Sense Amplifiers with Voltage Output
LMP8481 TI1-LMP8481 Datasheet
1Mb / 28P
Precision 76V High-Side Current Sense Amplifiers with Voltage Output
INA180_017 TI1-INA180_017 Datasheet
1Mb / 38P
Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA180 TI1-INA180_18 Datasheet
1Mb / 40P
Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA180-Q1 TI1-INA180-Q1 Datasheet
1Mb / 37P
Automotive, Low- and High-Side Voltage Output, Current-Sense Amplifiers
logo
Maxim Integrated Produc...
MAX4080 MAXIM-MAX4080_V01 Datasheet
1Mb / 14P
76V, High-Side, Current-Sense Amplifiers with Voltage Output
2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com