Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADLE3800PC Datasheet(PDF) 1 Page - ADL Embedded Solutions

Part # ADLE3800PC
Description  cpu tdp 8w to 10w
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

ADLE3800PC Datasheet(HTML) 1 Page - ADL Embedded Solutions

  ADLE3800PC Datasheet HTML 1Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PCIe/104
Data subject to change without notice.
ADL Embedded Solutions GmbH, Eiserfelder Straße 316 D-57080 Siegen,
ADL Embedded Solutions Inc., 4411 Morena Blvd., Suite 101
Germany P. +49 (0) 271 250 810 0 F. +49 (0) 271 250 810 20
San Diego, CA 92117-4345 P. +1 858 490-0597 F. +1 858 490-0599
e-mail: sales@adl-europe.com; web: www.adl-europe.com
e-mail: sales@adl-usa.com; web: www.adl-usa.com
ADLE3800PC
Intel® E3800 Series SoC Processors
Formerly Codenamed Bay Trail
Item Code
Part #
Description
PCIe/104 Board
ADLE3800PC-E3845
292800
Intel E3845; QC, 1.91 GHz, 2MB, 10W TDP
ADLE3800PC-E3827
292802
Intel E3827; DC, 1.75 GHz, 1MB, 8W TDP
Memory
4GB DDR3L-1600
997600
DDR3L-1600MHz 4GB Standard Temperature
8GB DDR3L-1600
997601
DDR3L-1600MHz 8GB Standard Temperature
4GB DDR3L-1600-EX
997602
DDR3L-1600MHz 4GB Extended Temperature
8GB DDR3L-1600-EX
997604
DDR3L-1600MHz 8GB Extended Temperature
Ruggedization Options
ADL-ET
290000
Extended Temperature Screening (–40C to +85C)
UNDERFILL
807707
BGA underfill req’d for –40C operation.
COATING
807706
Conformal Coating
UNDERFILL/BONDING/COATING
807709
Underfilling, Bonding, and Conformal Coating
Thermal Solutions
ADLE3800PC-SP0600
292806
0.600” Heat Spreader
ADLE3800PC-SP1000
292808
1.000” Heat Spreader
ADLE3800PC-LP
292810
Low Profile Passive Heatsink
ADLE3800PC-FANSINK
292812
2” x 2” Fansink
Description
The ADLE3800PC is based on Intel’s first System-on-Chip (SoC) E3800 Atom prod-
uct family which is built using Intel’s 22nm 3D Tri-gate process. It offers vastly supe-
rior compute performance and energy efficiency including Intel’s 7th generation
graphics engine for stunning graphics performance. Improved power management
capabilities result in standby power measured in milliwatts with days of standby time.
The ADLE3800PC is ideal for rugged, extended temperature intelligent systems with
stringent size, weight, and power (SWAP) requirements. It has a wide thermal junc-
tion temperature (Tj) ranging from -40C to +85C. Its graphics engine is capable of
decoding 10 or more streams of 1080p video, has integrated hardware acceleration
for video decode of H.264, MVC, VPG8, VC1/WMV9 and others standards. It also
supports DirectX 11, Open GL 4.0, full HD video playback, dual display support and
a maximum resolution of 2560 x 1600 @ 60Hz.
It’s particularly suited for extreme environments such as industrial control and auto-
mation, in-vehicle communication and infotainment systems for commercial transpor-
tation fleets. It’s superior graphics and low power also make it ideal for rugged
mobile computing, portable medical devices, and mobile autonomous systems for
civil, commercial and defense applications.
NEW! ADLSST System Sensor Technology Utility
The ADLSST System Sensor Technology v2.0 utility brings to the Linux environment
the same type of CPU health monitor functions that have previously been readily
available only in the Windows environment. Click here to download the drivers.
Features
Intel® E3800 Series SoC Processors; DC/Quad
Up to 8 GB DDR3L-1333; 1.35V SoDIMM204 Socket
CPU TDP 8W to 10W
Type 2 Downward-Stacking PCIe/104 V2.01 with 2x Gen2 PCIe x1
Lanes; LPC, SMBus, 2x USB 2.0
2x SATA 3 Gb/s; Shared with mSATA Socket
2x 10/100/1000 Mbit Ethernet LAN Port; Intel i210
2x RS232 COM Ports
8x USB 2.0 Total: 4x USB 2.0 Pin Connector, 2x PCIe Connector, 1x
Mini PCIe Socket, 1x USB 3.0 (Backward Compatible to USB 2.0)
1x USB 3.0
Onboard VGA/DVI, DisplayPort/HDMI
Discrete 16bit GPIO Port; PCA9535BS, No Interrupt
7.1 HD Audio with SPDIF In/Out
PCI Express Mini Card 1.2 Socket; Compatible with Mini PCIe or
mSATA Modules
Windows 7, Windows 8, Windows 10, Linux Compatible
90 mm x 96 mm, PCIe/104 Form Factor
Input Power = 5VDC, 5VS (12VDC for PCIe/104 Connector)
Ordering Information


Similar Part No. - ADLE3800PC

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
ADLE3800PC ADL-ADLE3800PC Datasheet
207Kb / 2P
Intel E3800 Series SoC Processors
ADLE3800PC-E3827 ADL-ADLE3800PC-E3827 Datasheet
207Kb / 2P
Intel E3800 Series SoC Processors
ADLE3800PC-E3845 ADL-ADLE3800PC-E3845 Datasheet
207Kb / 2P
Intel E3800 Series SoC Processors
ADLE3800PC-FANSINK ADL-ADLE3800PC-FANSINK Datasheet
207Kb / 2P
Intel E3800 Series SoC Processors
ADLE3800PC-LP ADL-ADLE3800PC-LP Datasheet
207Kb / 2P
Intel E3800 Series SoC Processors
More results

Similar Description - ADLE3800PC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7497 STMICROELECTRONICS-TDA7497 Datasheet
40Kb / 5P
10W10W10W/15W TRIPLE AMPLIFIER
Sep-1995
logo
Power Integrations, Inc...
RD2 POWERINT-RD2 Datasheet
114Kb / 12P
85 to 132 VAC or 170 to 265 VAC Input, 8W(10W Peak) Output
logo
STMicroelectronics
TDA7297D STMICROELECTRONICS-TDA7297D Datasheet
177Kb / 11P
10W10W DUAL BRIDGE AMPLIFIER
May-2004
TDA7297SA STMICROELECTRONICS-TDA7297SA Datasheet
497Kb / 11P
10W10W DUAL BRIDGE AMPLIFIER
Sep-2003
TDA7497SA STMICROELECTRONICS-TDA7497SA Datasheet
630Kb / 10P
8W8W15W TRIPLE AMPLIFIER
13-Feb-2005
TDA7497S STMICROELECTRONICS-TDA7497S Datasheet
179Kb / 7P
8W8W15W TRIPLE AMPLIFIER
Apr-2003
logo
Phihong USA Inc.
PSC12R-050 PHIHONG-PSC12R-050_14 Datasheet
125Kb / 2P
10W to 12W Interchangeable Plug Series
logo
Everlight Electronics C...
XUAN1313-KM407P1-36408 EVERLIGHT-XUAN1313-KM407P1-36408 Datasheet
1Mb / 24P
36V/8W series
logo
ADL Embedded Solutions
ADLQM87PC ADL-ADLQM87PC Datasheet
464Kb / 1P
cpu tdp 37w to 47w
ADLE3800HD ADL-ADLE3800HD Datasheet
467Kb / 1P
cpu tdp 8w to 10w
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com