Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCP53 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # BCP53
Description  PNP General-Purpose Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BCP53 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  BCP53_14 Datasheet HTML 1Page - Fairchild Semiconductor BCP53_14 Datasheet HTML 2Page - Fairchild Semiconductor BCP53_14 Datasheet HTML 3Page - Fairchild Semiconductor BCP53_14 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 1997 Fairchild Semiconductor Corporation
www.fairchildsemi.com
BCP53 Rev. 1.1.0
1
March 2014
BCP53
PNP General-Purpose Amplifier
Ordering Information
Absolute Maximum Ratings(1),(2)
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be opera-
ble above the recommended operating conditions and stressing the parts to these levels is not recommended. In addi-
tion, extended exposure to stresses above the recommended operating conditions may affect device reliability. The
absolute maximum ratings are stress ratings only. Values are at TA = 25°C unless otherwise noted.
Notes:
1. These ratings are based on a maximum junction temperature of 150°C.
2. These are steady-state limits. Fairchild Semiconductor should be consulted on applications involving pulsed or
low-duty-cycle operation.
Part Number
Marking
Package
Packing Method
BCP53
BCP53
SOT-223 4L
Tape and Reel
Symbol
Parameter
Value
Unit
VCEO
Collector-Emitter Voltage
-80
V
VCBO
Collector-Base Voltage
-100
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current - Continuous
-1.2
A
TJ, TSTG
Operating and Storage Junction Temperature Range
-55 to +150
°C
Description
This device is designed for general-purpose medium-
power amplifiers and switching circuits for collector cur-
rents to 1.0 A. Sourced from process 79.
SOT-223
1
2
4
3
1. Base 2,4. Collector 3. Emitter


Similar Part No. - BCP53_14

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCP53-10 PHILIPS-BCP53-10 Datasheet
44Kb / 8P
PNP medium power transistors
1999 Apr 08
logo
Zetex Semiconductors
BCP53-10 ZETEX-BCP53-10 Datasheet
42Kb / 1P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Siemens Semiconductor G...
BCP53-10 SIEMENS-BCP53-10 Datasheet
140Kb / 5P
PNP Silicon AF Transistors (For AF driver and output stages High collector current)
logo
Infineon Technologies A...
BCP53-10 INFINEON-BCP53-10 Datasheet
48Kb / 5P
PNP Silicon AF Transistors
Nov-29-2001
BCP53-10 INFINEON-BCP53-10 Datasheet
498Kb / 6P
PNP Silicon AF Transistors
2008-10-10
More results

Similar Description - BCP53_14

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N4125 FAIRCHILD-2N4125 Datasheet
23Kb / 2P
PNP General Purpose Amplifier
2N4403 FAIRCHILD-2N4403 Datasheet
42Kb / 7P
PNP General Purpose Amplifier
BC212L FAIRCHILD-BC212L Datasheet
313Kb / 7P
PNP General Purpose Amplifier
BSR16 FAIRCHILD-BSR16 Datasheet
47Kb / 4P
PNP General Purpose Amplifier
BSR18A FAIRCHILD-BSR18A Datasheet
74Kb / 6P
PNP General Purpose Amplifier
FSB6726 FAIRCHILD-FSB6726 Datasheet
23Kb / 3P
PNP General Purpose Amplifier
2N3906 FAIRCHILD-2N3906_01 Datasheet
98Kb / 6P
PNP General Purpose Amplifier
2N4402 FAIRCHILD-2N4402_01 Datasheet
68Kb / 7P
PNP General Purpose Amplifier
BCW30 FAIRCHILD-BCW30_02 Datasheet
46Kb / 3P
PNP General Purpose Amplifier
MPS6534 FAIRCHILD-MPS6534_01 Datasheet
294Kb / 7P
PNP General Purpose Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com