Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCP53 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # BCP53
Description  PNP General-Purpose Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BCP53 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  BCP53_14 Datasheet HTML 1Page - Fairchild Semiconductor BCP53_14 Datasheet HTML 2Page - Fairchild Semiconductor BCP53_14 Datasheet HTML 3Page - Fairchild Semiconductor BCP53_14 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© 1997 Fairchild Semiconductor Corporation
www.fairchildsemi.com
BCP53 Rev. 1.1.0
2
Thermal Characteristics(3)
Values are at TA = 25°C unless otherwise noted.
Note:
3. PCB size: FR-4, 76 mm x 114 mm x 1.57 mm (3.0 inch x 4.5 inch x 0.062 inch) with minimum land pattern size.
Electrical Characteristics
Values are at TA = 25°C unless otherwise noted.
Symbol
Parameter
Max.
Unit
PD
Total Device Dissipation
1.5
W
Derate Above 25°C
12
mW/°C
RθJA
Thermal Resistance, Junction to Ambient
83.3
°C/W
Symbol
Parameter
Conditions
Min.
Max.
Unit
BVCEO
Collector-Emitter Breakdown Voltage IC = -10 mA, IB = 0
-80
V
BVCBO
Collector-Base Breakdown Voltage
IC = -100 μA, IE = 0
-100
V
BVEBO
Emitter-Base Breakdown Voltage
IE = -10 μA, IC = 0
-5.0
V
ICBO
Collector-Base Cut-Off Current
VCB = -30 V, IE = 0
-100
nA
VCB = -30 V, IE = 0, TA = 125°C
-10
μA
IEBO
Emitter-Base Cut-Off Current
VEB = -5.0 V, IC = 0
-10
μA
hFE
DC Current Gain
IC = -5.0 mA, VCE = -2.0 V
25
IC = -150 mA, VCE = -2.0 V
40
250
IC = -500 mA, VCE = -2.0 V
25
VCE(sat) Collector-Emitter Saturation Voltage
IC = -500 mA, IB = -50 mV
-0.5
V
VBE(on) Base-Emitter On Voltage
IC = -500 mA, VCE = -2.0 V
-1.0
V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com