Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLSD-71N700 Datasheet(PDF) 2 Page - API Delevan

Part # SLSD-71N700
Description  Visible to IR spectral irradiance range
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

SLSD-71N700 Datasheet(HTML) 2 Page - API Delevan

  SLSD-71N700 Datasheet HTML 1Page - API Delevan SLSD-71N700 Datasheet HTML 2Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Solderable Planar Photodiode
PRELIMINARY
SLSD-71N700
WWW.ADVANCEDPHOTONIX.COM
Precision – Control – Results
Information in this technical datasheet is believed to
be correct and reliable. However, no responsibility is
assumed for possible inaccuracies or omission.
Specifications are subject to change without notice.
Page 2/2
REV 08-24-15
© 2015 Advanced Photonix, Inc. All rights reserved.
Advanced Photonix Inc. 1240 Avenida Acaso, Camarillo CA 93012 • Phone (805) 987-0146 • Fax (805) 484-9935
Advanced Photonix, Inc.
OPTO-ELECTRICAL PARAMETERS
Ta = 23°C unless noted otherwise
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Short Circuit Current
VR =0V, Ee=25mW/cm² **
2.5
4.5
-
mA
Open Circuit Voltage
Ee=25mW/cm² **
-
0.40
-
V
Dark Current
VR =5V, Ee=0, T=25°C
-
-
5.0
µA
Junction Capacitance
VR=0V, Ee=0, f=1MHz
-
2.5
-
nF
Spectral Sensitivity
λ
=940nm; Flood illumination*
-
0.55
-
A/W
Breakdown Voltage
IR=100µA
20
-
-
V
Maximum Sensitivity
Wavelength
-
-
930
-
nm
Acceptance Half Angle
(off center-line)
-
60
-
deg
* Minimum 50% of active area illuminated
** Light source @ 2854°K
TYPICAL PERFORMANCE
DIRECTIONAL SENSITIVITY



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com