Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLSD-71N700 Datasheet(PDF) 1 Page - API Delevan

Part # SLSD-71N700
Description  Visible to IR spectral irradiance range
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

SLSD-71N700 Datasheet(HTML) 1 Page - API Delevan

  SLSD-71N700 Datasheet HTML 1Page - API Delevan SLSD-71N700 Datasheet HTML 2Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solderable Planar Photodiode
PRELIMINARY
SLSD-71N700
WWW.ADVANCEDPHOTONIX.COM
Precision – Control – Results
Information in this technical datasheet is believed to
be correct and reliable. However, no responsibility is
assumed for possible inaccuracies or omission.
Specifications are subject to change without notice.
Page 1/2
REV 08-24-15
© 2015 Advanced Photonix, Inc. All rights reserved.
Advanced Photonix Inc. 1240 Avenida Acaso, Camarillo CA 93012 • Phone (805) 987-0146 • Fax (805) 484-9935
Advanced Photonix, Inc.
DESCRIPTION
FEATURES
The SLSD-71N700 is a solderable planar photodiode featuring low cost,
high reliability, and linear short circuit current over a wide range of
illumination. These devices are widely used for light sensing and power
generation because of their stability and high efficiency. They are
particularly suited to power conversion applications due to their low
internal impedance, relatively high shunt impedance, and stability. The
photodiodes have a protective coating that protects them from humidity
effects. These devices also provide a reliable and inexpensive detector for
instrumentation and light beam sensing applications.
•
Visible to IR spectral irradiance range
•
High reliability
•
Oxide passivation
•
Linear short circuit current
•
Low capacitance, high speed
•
Si surface protected with a thin film
coating
RELIABILITY
APPLICATIONS
This API high-reliability detector is in principle able to meet military test
requirements (Mil-STD-750, Mil-STD-883) after proper screening and
group test.
Contact API for recommendations on specific test conditions and
procedures.
•
Light sensing
•
Power generation
ABSOLUTE MAXIMUM RATINGS
Operating Temperature
-40
to
+105
°C
non condensing
Storage Temperature
-40
to
+105
°C
Soldering Temperature
+240
°C
Wavelength Range
400
to
1100
nm


Similar Part No. - SLSD-71N700

ManufacturerPart #DatasheetDescription
logo
Advanced Photonix, Inc.
SLSD-71N700 ADVANCEDPHOTONIX-SLSD-71N700 Datasheet
140Kb / 2P
Solderable Planar Photodiode
More results

Similar Description - SLSD-71N700

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BPW21 SIEMENS-BPW21 Datasheet
138Kb / 4P
Silicon Photodiode for the visible spectral range
logo
Hamamatsu Corporation
K1713-05 HAMAMATSU-K1713-05_06 Datasheet
102Kb / 4P
Two-color detector Wide spectral response range from UV to IR
K3413-05 HAMAMATSU-K3413-05_06 Datasheet
108Kb / 4P
Two-color detector Wide spectral response range from UV to IR
logo
API Delevan
SLSD-71N200 API-SLSD-71N200 Datasheet
137Kb / 2P
Visible to IR spectral irradiance range
SLSD-71N300 API-SLSD-71N300 Datasheet
141Kb / 2P
Visible to IR spectral irradiance range
SLSD-71N400 API-SLSD-71N400 Datasheet
115Kb / 2P
Visible to IR spectral irradiance range
logo
AVAGO TECHNOLOGIES LIMI...
SFH551-1 AVAGO-SFH551-1 Datasheet
84Kb / 5P
Sensitive in visible and near IR range
logo
OSRAM GmbH
BPW21 OSRAM-BPW21 Datasheet
469Kb / 8P
Silicon Photodiode for the Visible Spectral Range
BPW-21 OSRAM-BPW-21 Datasheet
469Kb / 8P
Silicon Photodiode for the Visible Spectral Range Version 1.3
logo
SparkFun Electronics
SEN-14347 SPARKFUN-SEN-14347 Datasheet
204Kb / 3P
SparkFun Spectral Sensor Breakout - AS7262 Visible (Qwiic)
10??3??7
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com