Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS-R50D Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # PS-R50D
Description  Paper sensors(photo switches are composed of a modulated infrared emitting)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

PS-R50D Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  PS-R50D Datasheet HTML 1Page - KODENSHI_AUK CORP. PS-R50D Datasheet HTML 2Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KODENSHI
- 1-
PS-R50L・PS-R50D
Paper sensors
The PS-R50 photo switches are composed of a
modulated infrared emitting diode at the light-emitting
side and a modulated photo IC (in which a
photodiode,signal processing circuit,constant voltage
circuit and modulation circuit are integrated) at the light
receiving side.
PS-R50L : High level output at shielding
PS-R50D : Low level output at shielding
FEATURES
•High-speed response(0.5m sec.)
•Adjustable of detecting distance
•Resistible to exterior light because of composed of
modulate
APPLICATIONS
•Copiers
•Facsimiles
DIMENSIONS
(Unit : mm)
Rating
Symbol
Item
MAXIMUM RATINGS
Supply voltage
Output voltage *1
Low level output current *2
Output transistor power dissipation
Operating temp. *3*4
Storage temp.
*3*4
VCC
VO
IOL
PO
Topr.
Tstg.
8.0
12
30
30
-10~+60
-20~+70
V
V
mA
mW
℃
℃
Unit
(Ta=25℃)
*1. Output transistor : VC E *2. Output transistor : IC *3. No icebound or dew
*4. The connector shall be inserted or pulled out at normal temperature.
Supply voltage
Low level output voltage
High level output voltage
Supply current
Minimum detecting distance
Maximum detecting distance
Non-detecting distance
Response speed
Exterior light endure
Output state
(Ta=25℃)
ELECTRO-OPTICAL CHARACTERISTICS
VCC=5V,IOL=10mA
VCC=5V,RL=1kΩ
VCC=5V
Kodak 90%
VCC=5V,RL=1kΩ
Kodak 90%
Kodak 90%
VCC=5V,RL=1kΩ
VCC=5V,RL=1kΩ
Item
Typ.
16
VCC
VOL
VOH
ICC
LDS
LDL
LNS
tPLH/tPHL
EV
4.75
4.0
6
3,000
5.25
0.4
2
25
0.5
V
V
V
mA
mm
mm
mm
ms
lx
Symbol
Conditions
Min.
Max.
Unit.
NPN open collector


Similar Part No. - PS-R50D

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
PS-R11D KODENSHI-PS-R11D Datasheet
164Kb / 2P
Paper sensors(photo switches are composed of a modulated infrared emitting)
PS-R11L KODENSHI-PS-R11L Datasheet
164Kb / 2P
Paper sensors(photo switches are composed of a modulated infrared emitting)
logo
Altech corporation
PS-RDN20 ALTECH-PS-RDN20 Datasheet
507Kb / 2P
Power Supply Redundancy Module
logo
SOVICO corp.
PS-REMOTE SOVICO-PS-REMOTE Datasheet
1Mb / 1P
Power Sequening System
Mar. 2017.
logo
Greystone Energy System...
PS-RPC GREYSTONE-PS-RPC Datasheet
179Kb / 2P
ROOM PRESSURE MONITOR
More results

Similar Description - PS-R50D

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
K4N25G KODENSHI-K4N25G Datasheet
187Kb / 3P
Photocoupler(These Photocouplers cosist of a Gallium Arsenide Infrared Emitting)
PC-16T1 KODENSHI-PC-16T1 Datasheet
218Kb / 3P
Photocoupler(Photocoupler consists of a Gallium Arsenide Infrared Emitting)
PC-17K1C KODENSHI-PC-17K1C Datasheet
218Kb / 3P
Photocoupler(Photocoupler consists of a Gallium Arsenide Infrared Emitting)
PS-117L KODENSHI-PS-117L Datasheet
175Kb / 2P
Paper sensors(photo switches are composed of a modulated infrared emitting)
PS-R11L KODENSHI-PS-R11L Datasheet
164Kb / 2P
Paper sensors(photo switches are composed of a modulated infrared emitting)
logo
Toshiba Semiconductor
TLN104 TOSHIBA-TLN104 Datasheet
237Kb / 5P
INFRARED LEDS PHOTO SENSORS
22-Nov-2001
TLP908 TOSHIBA-TLP908 Datasheet
379Kb / 8P
PHOTOREFLECTIVE SENSORS INFRARED LED PHOTO TRANSISTOR
logo
KODENSHI_AUK CORP.
PSR11L KODENSHI-PSR11L Datasheet
243Kb / 2P
composed of a modulated infrared emitting diode at the light-emitting side and a modulated photo IC at the light receiving side
logo
Toshiba Semiconductor
TLN108 TOSHIBA-TLN108_07 Datasheet
204Kb / 5P
INFRARED LEDS PHOTO SENSORS
logo
KODENSHI_AUK CORP.
KPS1008C KODENSHI-KPS1008C Datasheet
137Kb / 3P
photo switch is composed of a modulated infrared emitting diode at the light-emitting side and a modulated photo IC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com