Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP908 Datasheet (PDF) - Toshiba Semiconductor

TLP908 Datasheet PDF - Toshiba Semiconductor
Part # TLP908
Download  TLP908 Download
File Size   379.67 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description PHOTOREFLECTIVE SENSORS INFRARED LED PHOTO TRANSISTOR

TLP908 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP908 Datasheet PDF - Toshiba Semiconductor

Part # TLP908
Download  TLP908 Click to download

File Size   379.67 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description PHOTOREFLECTIVE SENSORS INFRARED LED PHOTO TRANSISTOR

TLP908 Datasheet (HTML) - Toshiba Semiconductor


TLP908 Product details

Lead Free Product
Detection Of Start And End Marks On VCR And Audio Tape
Detection Of VCR Reel Rotation
Detection Of Index Write−Protect and Presence Of Disk In Floppy Disk Drive
Timing Detection In Electronic Printers And Typewriters
Reading Of Camera Film Information(DX Codes)

• Very small package: 2.6×3.4mm(height 1.5mm)
   TLP908(F): Flat lead type
   TLP908(LB,F): Small dip type
• Short detection distance: Optimum distance 0.5mm~1.5mm
• High sensitivity: tr,tf=10µs(typ.)
• Black mold package impermeable to visible light




Similar Part No. - TLP908

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP907 TOSHIBA-TLP907 Datasheet
402Kb / 10P
TOSHIBA PHOTOREFLECTIVE SENSORS INFRARED LED PHOTODARLINGTON TRANSISTOR
TLP907LB TOSHIBA-TLP907LB Datasheet
402Kb / 10P
TOSHIBA PHOTOREFLECTIVE SENSORS INFRARED LED PHOTODARLINGTON TRANSISTOR
TLP909 TOSHIBA-TLP909 Datasheet
302Kb / 7P
PHOTOREFLECTIVE SENSOR INFRARED LED PHOTODARLINGTON TRANSISTOR
More results


Similar Description - TLP908

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP907 TOSHIBA-TLP907 Datasheet
402Kb / 10P
TOSHIBA PHOTOREFLECTIVE SENSORS INFRARED LED PHOTODARLINGTON TRANSISTOR
TLP909 TOSHIBA-TLP909 Datasheet
302Kb / 7P
PHOTOREFLECTIVE SENSOR INFRARED LED PHOTODARLINGTON TRANSISTOR
TLN104 TOSHIBA-TLN104 Datasheet
237Kb / 5P
INFRARED LEDS PHOTO SENSORS
TLP822 TOSHIBA-TLP822 Datasheet
430Kb / 11P
PHOTO INTERRUPTERS INFRARED LED PHOTO TRANSISTOR
TLP802 TOSHIBA-TLP802 Datasheet
283Kb / 6P
INFRARED LEDPHOTO TRANSISTOR
TLP293 TOSHIBA-TLP293 Datasheet
649Kb / 15P
Infrared LED & Photo Transistor
TLP387 TOSHIBA-TLP387 Datasheet
525Kb / 14P
Infrared LED & Photo Transistor
TLP182 TOSHIBA-TLP182 Datasheet
662Kb / 15P
Photocouplers Infrared LED & Photo Transistor
TLP183 TOSHIBA-TLP183 Datasheet
659Kb / 15P
Photocouplers Infrared LED & Photo Transistor
TLP187 TOSHIBA-TLP187 Datasheet
273Kb / 9P
Photocouplers Infrared LED & Photo Transistor
Rev.5.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com