Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP293 Datasheet (PDF) - Toshiba Semiconductor

TLP293 Datasheet PDF - Toshiba Semiconductor
Part # TLP293
Download  TLP293 Download
File Size   649.23 Kbytes
Page   15 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Infrared LED & Photo Transistor

TLP293 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP293 Datasheet PDF - Toshiba Semiconductor

Part # TLP293
Download  TLP293 Click to download

File Size   649.23 Kbytes
Page   15 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Infrared LED & Photo Transistor

TLP293 Datasheet (HTML) - Toshiba Semiconductor


TLP293 Product details

General
TLP293 is a low input and high isolation type photocoupler that consists of a phototransistor optically coupled to an infrared LED in a SO4 package.
Since TLP293 is guaranteed high isolation voltage (3750 Vrms) and wide operating temperature (Ta = -55 to 125 °C), it is suitable for high density surface mounting applications such as programmable controllers.

Features
(1) Collector-emitter voltage: 80 V (min)
(2) Current transfer ratio: 50 % (min) (@IF = 0.5 mA, VCE = 5 V)
   GB Rank: 100 % (min) (@IF = 0.5 mA, VCE = 5 V)
(3) Isolation voltage: 3750 Vrms (min)
(4) Operating temperature: -55 to 125 
(5) Safety standards
   UL-recognized: UL 1577, File No.E67349
   cUL-recognized: CSA Component Acceptance Service No.5A File No.E67349
   VDE-approved: EN 60747-5-5, EN 62368-1 (Note 1)
   CQC-approved: GB4943.1, GB8898 Thailand Factory

Note 1: When a VDE approved type is needed, please designate the Option (V4).

Applications
• Switching Power Supplies
• Programmable Logic Controllers (PLCs)
• I/O Interface Boards




Similar Part No. - TLP293

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP293-4 TOSHIBA-TLP293-4 Datasheet
720Kb / 12P
TOSHIBA PHOTOCOUPLER InGaAs IRED and PHOTO-TRANSISTOR
More results


Similar Description - TLP293

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP908 TOSHIBA-TLP908 Datasheet
379Kb / 8P
PHOTOREFLECTIVE SENSORS INFRARED LED PHOTO TRANSISTOR
TLP822 TOSHIBA-TLP822 Datasheet
430Kb / 11P
PHOTO INTERRUPTERS INFRARED LED PHOTO TRANSISTOR
TLP853 TOSHIBA-TLP853 Datasheet
373Kb / 9P
PHOTO-INTERRUPTER INFRARED LED PHOTODARLINGTON TRANSISTOR
logo
KODENSHI_AUK CORP.
KEL-0315C KODENSHI-KEL-0315C Datasheet
128Kb / 2P
Touch Screen Infrared LED & Photo Transistor
logo
Toshiba Semiconductor
TLP802 TOSHIBA-TLP802 Datasheet
283Kb / 6P
INFRARED LEDPHOTO TRANSISTOR
TLP387 TOSHIBA-TLP387 Datasheet
525Kb / 14P
Infrared LED & Photo Transistor
TLP182 TOSHIBA-TLP182 Datasheet
662Kb / 15P
Photocouplers Infrared LED & Photo Transistor
TLP183 TOSHIBA-TLP183 Datasheet
659Kb / 15P
Photocouplers Infrared LED & Photo Transistor
TLP627M TOSHIBA-TLP627M Datasheet
429Kb / 18P
Photocouplers Infrared LED & Photo Darlington Transistor
Rev.1.0
TLP187 TOSHIBA-TLP187 Datasheet
273Kb / 9P
Photocouplers Infrared LED & Photo Transistor
Rev.5.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com