Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP293-4 Datasheet (PDF) - Toshiba Semiconductor

TLP293-4 Datasheet PDF - Toshiba Semiconductor
Part # TLP293-4
Download  TLP293-4 Download
File Size   720.23 Kbytes
Page   12 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA PHOTOCOUPLER InGaAs IRED and PHOTO-TRANSISTOR

TLP293-4 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP293-4 Datasheet PDF - Toshiba Semiconductor

Part # TLP293-4
Download  TLP293-4 Click to download

File Size   720.23 Kbytes
Page   12 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA PHOTOCOUPLER InGaAs IRED and PHOTO-TRANSISTOR

TLP293-4 Datasheet (HTML) - Toshiba Semiconductor


TLP293-4 Product details

Programmable Controllers
Switching Power Supplies
Simplex/Multiplex Data Transmissions

TLP293-4 consists of phototransistors optically coupled to InGaAs infrared emitting diodes.
TLP293-4 photocoupler is housed in the very small and thin SO16 package.
Since the TLP293-4 is guaranteed wide operating temperature range (Ta=-55 to 125 ˚C), and high isolation voltage (3750 Vrms), it is suitable for highdensity surface mount applications such as programmable controllers.

• Collector-Emitter Voltage : 80 V (min)
• Current Transfer Ratio : 50% (min)
                             GB rank: 100% (min)
• Isolation Voltage : 3750 Vrms (min)
• Operation temperature range: -55 to 125 ˚C
• Safety standards
   UL-approved: UL1577, File No. E67349
   cUL-approved: CSA Component Acceptance Service No.5A,
                            File No. E67349
   CQC- approved : GB4943.1, GB8898
   VDE-approved : EN60747-5-5 (Note)
   Note : When an EN60747-5-5 approved type is needed,
              please designate the Option (V4).




Similar Part No. - TLP293-4

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP293 TOSHIBA-TLP293 Datasheet
649Kb / 15P
Infrared LED & Photo Transistor
More results


Similar Description - TLP293-4

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP372 TOSHIBA-TLP372 Datasheet
189Kb / 8P
TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP180 TOSHIBA-TLP180 Datasheet
360Kb / 7P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP320 TOSHIBA-TLP320 Datasheet
206Kb / 7P
TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP628 TOSHIBA-TLP628 Datasheet
257Kb / 8P
TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP141G TOSHIBA-TLP141G Datasheet
176Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP421F TOSHIBA-TLP421F Datasheet
111Kb / 3P
TOSHIBA Photocoupler GaAs IRed & Photo-Transistor
TLP291-4 TOSHIBA-TLP291-4 Datasheet
407Kb / 14P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP285 TOSHIBA-TLP285 Datasheet
384Kb / 16P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP285-4 TOSHIBA-TLP285-4 Datasheet
326Kb / 16P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP292-4 TOSHIBA-TLP292-4 Datasheet
731Kb / 12P
TOSHIBA PHOTOCOUPLER InGaAs IRED and PHOTO-TRANSISTOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com