Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP293-4 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP293-4
Description  TOSHIBA PHOTOCOUPLER InGaAs IRED and PHOTO-TRANSISTOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP293-4 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP293-4 Datasheet HTML 1Page - Toshiba Semiconductor TLP293-4 Datasheet HTML 2Page - Toshiba Semiconductor TLP293-4 Datasheet HTML 3Page - Toshiba Semiconductor TLP293-4 Datasheet HTML 4Page - Toshiba Semiconductor TLP293-4 Datasheet HTML 5Page - Toshiba Semiconductor TLP293-4 Datasheet HTML 6Page - Toshiba Semiconductor TLP293-4 Datasheet HTML 7Page - Toshiba Semiconductor TLP293-4 Datasheet HTML 8Page - Toshiba Semiconductor TLP293-4 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TLP293-4
2015-10-21
2
Current Transfer Ratio (Unless otherwise specified, Ta=25°C)
Note1: Specify both the part number and a rank in this format when ordering.
Example: rank GB: TLP293-4(GB,E
For safety standard certification, however, specify the part number alone.
TLP293
−4 (GB,E: TLP293-4
Note2: The LA and LGB rank are made CTR rank of the low input current condition.
Rank
(Note 1)
Test condition
Current Transfer Ratio
(%)
Marking of Classification
IC / IF
Min
Max
Blank
IF = 5 mA, VCE = 5 V
50
600
Blank
GB
100
600
GB
LA (Note2)
IF = 0.5 mA, VCE = 5 V
50
600
LA
LGB (Note2)
100
600
LB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com