Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54AC253F Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54AC253F
Description  Dual 4-Input Multiplexer with TRI-STATE Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54AC253F Datasheet(HTML) 1 Page - National Semiconductor (TI)

  54AC253F Datasheet HTML 1Page - National Semiconductor (TI) 54AC253F Datasheet HTML 2Page - National Semiconductor (TI) 54AC253F Datasheet HTML 3Page - National Semiconductor (TI) 54AC253F Datasheet HTML 4Page - National Semiconductor (TI) 54AC253F Datasheet HTML 5Page - National Semiconductor (TI) 54AC253F Datasheet HTML 6Page - National Semiconductor (TI) 54AC253F Datasheet HTML 7Page - National Semiconductor (TI) 54AC253F Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
54AC253
• 54ACT253
Dual 4-Input Multiplexer with TRI-STATE® Outputs
General Description
The ’AC/’ACT253 is a dual 4-input multiplexer with
TRI-STATE outputs. It can select two bits of data from four
sources using common select inputs. The outputs may be in-
dividually switched to a high impedance state with a HIGH
on the respective Output Enable (OE) inputs, allowing the
outputs to interface directly with bus oriented systems.
Features
n ICC and IOZ reduced by 50%
n Multifunction capability
n Noninverting TRI-STATE outputs
n Outputs source/sink 24 mA
n ’ACT253 has TTL-compatible inputs
n Standard Military Drawing (SMD)
— ’AC253: 5962-87693
— ’ACT253: 5962-87761
Logic Diagrams
Pin Names
Description
I
0a–I3a
Side A Data Inputs
I
0b–I3b
Side B Data Inputs
S
0,S1
Common Select Inputs
OE
a
Side A Output Enable Input
OE
b
Side B Output Enable Input
Z
a,Zb
TRI-STATE Outputs
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
FACT® is a registered trademark of Fairchild Semiconductor Corporation.
DS100285-1
IEEE/IEC
DS100285-2
August 1998
© 1998 National Semiconductor Corporation
DS100285
www.national.com


Similar Part No. - 54AC253F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54AC253 TI1-54AC253 Datasheet
198Kb / 10P
Dual 4-Input Multiplexer with TRI-STATE Outputs
More results

Similar Description - 54AC253F

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC257 NSC-54AC257 Datasheet
120Kb / 8P
Quad 2-Input Multiplexer with TRI-STATE Outputs
54AC258 NSC-54AC258 Datasheet
143Kb / 8P
Quad 2-Input Multiplexer with TRI-STATE Outputs
54F251ADM NSC-54F251ADM Datasheet
165Kb / 8P
8-Input Multiplexer with TRI-STATE Outputs
54F253DM NSC-54F253DM Datasheet
168Kb / 8P
Dual 4-Input Multiplexer with TRI-STATE Outputs
54F257ADM NSC-54F257ADM Datasheet
157Kb / 8P
Quad 2-Input Multiplexer with TRI-STATE Outputs
MN54AC258-X NSC-MN54AC258-X Datasheet
17Kb / 7P
Quad 2 Input Multiplexer With TRI - STATE Outputs
DM74LS353 NSC-DM74LS353 Datasheet
106Kb / 6P
Dual 4-Input Multiplexer with TRI-STATE-R Outputs
MN54AC251-X NSC-MN54AC251-X Datasheet
33Kb / 7P
8-Input Multiplexer With TRI-STATE Outputs
logo
Texas Instruments
54AC253 TI1-54AC253 Datasheet
198Kb / 10P
Dual 4-Input Multiplexer with TRI-STATE Outputs
54AC257 TI1-54AC257 Datasheet
128Kb / 8P
Quad 2-Input Multiplexer with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com