Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54AC253F Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54AC253F
Description  Dual 4-Input Multiplexer with TRI-STATE Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54AC253F Datasheet(HTML) 2 Page - National Semiconductor (TI)

  54AC253F Datasheet HTML 1Page - National Semiconductor (TI) 54AC253F Datasheet HTML 2Page - National Semiconductor (TI) 54AC253F Datasheet HTML 3Page - National Semiconductor (TI) 54AC253F Datasheet HTML 4Page - National Semiconductor (TI) 54AC253F Datasheet HTML 5Page - National Semiconductor (TI) 54AC253F Datasheet HTML 6Page - National Semiconductor (TI) 54AC253F Datasheet HTML 7Page - National Semiconductor (TI) 54AC253F Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Connection Diagrams
Functional Description
The ’AC/’ACT253 contains two identical 4-input multiplexers
with TRI-STATE outputs. They select two bits from four
sources selected by common Select inputs (S
0,S1). The
4-input multiplexers have individual Output Enable (OE
a,
OE
b) inputs which, when HIGH, force the outputs to a high
impedance (High Z) state. This device is the logic implemen-
tation of a 2-pole, 4-position switch, where the position of the
switch is determined by the logic levels supplied to the two
select inputs. The logic equations for the outputs are shown:
Z
a = OEa • (I0a • S1 • S0 +I1a • S1 • S0 +
I
2a • S1 • S0 +I3a • S1 • S0)
Z
b = OEb • (I0b • S1 • S0 +I1b • S1 • S0 +
I
2b • S1 • S0 +I3b • S1 • S0)
If the outputs of TRI-STATE devices are tied together, all but
one device must be in the high impedance state to avoid
high currents that would exceed the maximum ratings. De-
signers should ensure that Output Enable signals to
TRI-STATE devices whose outputs are tied together are de-
signed so that there is no overlap.
Truth Table
Select
Data Inputs
Output
Outputs
Inputs
Enable
S
0
S
1
I
0
I
1
I
2
I
3
OE
Z
X
X
XXXX
H
Z
L
L
L
XXX
L
L
L
L
H
XXX
L
H
H
L
XLX
X
L
L
H
L
XHX
X
L
H
L
H
X
XLX
L
L
L
H
X
XHX
L
H
H
H
XXX
L
L
L
H
H
XXX
H
L
H
Address Inputs S0 and S1 are common to both sections.
H = HIGH Voltage Level
L = LOW Voltage Level
X = Immaterial
Z = High Impedance
Pin Assignment
for DIP and Flatpak
DS100285-3
Pin Assignment
for LCC
DS100285-4
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com