Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMBC-R91R-4212 Datasheet(PDF) 5 Page - Schurter Inc.

Part # FMBC-R91R-4212
Description  2-stage filter for 3-phase systems with low leakage current
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FMBC-R91R-4212 Datasheet(HTML) 5 Page - Schurter Inc.

  FMBC-R91R-4212 Datasheet HTML 1Page - Schurter Inc. FMBC-R91R-4212 Datasheet HTML 2Page - Schurter Inc. FMBC-R91R-4212 Datasheet HTML 3Page - Schurter Inc. FMBC-R91R-4212 Datasheet HTML 4Page - Schurter Inc. FMBC-R91R-4212 Datasheet HTML 5Page - Schurter Inc. FMBC-R91R-4212 Datasheet HTML 6Page - Schurter Inc. FMBC-R91R-4212 Datasheet HTML 7Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
3-Phase AC Filters / DC Filters
FMBC LL
www.schurter.com/PG80
EMC Products
Case 1G
max. 330
(240)
max. 90
(48)
50mm ; 6-8 Nm
2
(270)
0
–2
255
(26)
M10; 10-17 Nm
1)
2)
1) Line
2) Load
Case 1V
max. 450
(350)
max. 120
(70)
95mm ; 15-20 Nm
2
(380)
0
–2
365
(41.5)
M10; 10-17 Nm
1)
2)
1) Line
2) Load



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com