Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMBC-R91R-4212 Datasheet(PDF) 7 Page - Schurter Inc.

Part # FMBC-R91R-4212
Description  2-stage filter for 3-phase systems with low leakage current
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FMBC-R91R-4212 Datasheet(HTML) 7 Page - Schurter Inc.

  FMBC-R91R-4212 Datasheet HTML 1Page - Schurter Inc. FMBC-R91R-4212 Datasheet HTML 2Page - Schurter Inc. FMBC-R91R-4212 Datasheet HTML 3Page - Schurter Inc. FMBC-R91R-4212 Datasheet HTML 4Page - Schurter Inc. FMBC-R91R-4212 Datasheet HTML 5Page - Schurter Inc. FMBC-R91R-4212 Datasheet HTML 6Page - Schurter Inc. FMBC-R91R-4212 Datasheet HTML 7Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
3-Phase AC Filters / DC Filters
FMBC LL
www.schurter.com/PG80
EMC Products
All Variants
Rated Current
@ Ta 50°C (40°C) [A]
Rated Voltage [VAC]
Powerloss @ 25°C,
50Hz [W]
Leakage
Current @
400VAC, 50Hz
Weight [kg]
Screw clamps
[mm2] 2)
Housing
Packaging
unit
Order Number
7 (7.7)
520
1.5
4.4
0.75 kg
6
1U
3
FMBC-R91C-0712
16 (17.5)
520
5.4
4.4
1.2 kg
6
1C
3
FMBC-R91C-1612
30 (32.9)
520
6.6
4.4
1.8 kg
10
1Q
4
FMBC-R91Q-3012
42 (46)
520
10.7
4.4
1.8 kg
10
1R
3
FMBC-R91R-4212
55 (60.2)
520
13.3
4.4
2.4 kg
25
1S
2
FMBC-R91S-5512
75 (82.2)
520
19.6
17.5
4.1 kg
25
1F
1
FMBC-R91F-7512
100 (109.5)
520
26.3
17.5
5.4 kg
50
1G
1
FMBC-R91G-J012
130 (142.4)
520
10
19.3
4.6 kg
50
1G
1
FMBC-R91G-J312
180 (197.1)
520
31
19.3
9.4 kg
95
1V
1
FMBC-R91V-J812
Availability for all products can be searched real-time:http://www.schurter.com/en/Stock-Check/Stock-Check-SCHURTER
1) Nominal leakage current acc. to IEC60950 - 5.2.5. under normal operating conditions. Note: worst case leakage current acc. to IEC60950 - Annex G4 (situation with two
interrupted lines) can be much higher.
2) Maximum conductor cross section (wire gauge) to be used; a comparative table for AWG and mm² values can be found in the general product information www.schurter.
com/emc_info
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com