Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCSF Datasheet(PDF) 2 Page - Schurter Inc.

Part # HCSF
Description  Surface Mount Fuse for High Current Space Application, ESCC QPL Listed (pending)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

HCSF Datasheet(HTML) 2 Page - Schurter Inc.

  HCSF Datasheet HTML 1Page - Schurter Inc. HCSF Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Non resettable fuses
HCSF
www.schurter.com/PG01_2
Fuses
Packaging Unit
Blister Tape on 18 cm Reel in ESD Plastic Bag
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.
Variants
Rated Cur-
rent [A]
Rated Vol-
tage [VAC]
Rated Vol-
tage [VDC]
Breaking
Capacity
Voltage Drop
1 In typ.
[mV]
Cold Resi-
stance typ.
[m
Ω]
Melting I²t
10 In typ.
[A²s]
ESCC
Component
Number
Order Number
5
63
125
1)
86
–
1.9
4008xxxxx
3409.0007
6.3
63
125
1)
–
–
–
4008xxxxx
3409.0008
7.5
63
125
1)
92
–
4
4008xxxxx
3409.0009
8
63
125
1)
–
–
–
4008xxxxx
3409.0010
10
63
125
1)
90
–
12.7
4008xxxxx
3409.0011
12
63
125
1)
–
–
–
4008xxxxx
3409.0013
15
63
125
1)
86
–
31.3
4008xxxxx
3409.0015
Availability for all products can be searched real-time: http://www.schurter.com/en/Stock-Check/Stock-Check-SCHURTER
1) 200 A @ 63 VAC, p.f. > 0.999 / 1000 A @ 125 VDC, L/R < 1 ms



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com