Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCSF Datasheet(PDF) 1 Page - Schurter Inc.

Part # HCSF
Description  Surface Mount Fuse for High Current Space Application, ESCC QPL Listed (pending)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

HCSF Datasheet(HTML) 1 Page - Schurter Inc.

  HCSF Datasheet HTML 1Page - Schurter Inc. HCSF Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Non resettable fuses
HCSF
www.schurter.com/PG01_2
Fuses
Surface Mount Fuse for High Current Space Application, ESCC QPL Listed (pending)
63VAC · 125 VDC · Quick-Acting F
Description
- ESCC QPL Listed, see www.escies.org (pending)
- Full data sheet available on request (pending)
Standards
- ESCC Generic Specification no. 4008
- ESCC Detail Specification no. 4008/xxx
Applications
- Protection of Payloads
- High Power Applications
Weblinks
pdf-datasheet, html-datasheet, General Product Information,
Approvals, CE declaration of conformity, RoHS, CHINA-RoHS, e-Shop,
SCHURTER-Stock-Check, Distributor-Stock-Check, Detailed request for
product
Technical Data
Rated Voltage
63 VAC, 125 VDC
Rated current
5 - 15 A
Breaking Capacity
200 A - 1000 A
Characteristic
Quick-Acting F
Mounting
PCB, SMT
Admissible Ambient Air Temp. -50 °C to 125 °C
Climatic Category
55/150/21 acc. to IEC 60068-1
Material: Housing
Ceramic
Material: Terminals
Tin-Plated Copper Alloy (with lead)
Unit Weight
0.76 g
Storage Conditions
0 °C to 60 °C, max. 70% r.h.
Product Marking
Variant Code, Approval
Soldering Methods
Reflow, Wave
Solderability
250 °C / 3 sec acc. to IEC 60068-2-58,
Test Td
Resistance to Soldering Heat
260 °C / 10 sec acc. to IEC 60068-2-58,
Test Td
new
Resistance to Cleaning
Solvents
Cleaning with common Solvents
Dimension
Reflow soldering pads
8.05
2.15
Pre-Arcing Time
Rated Current In
1.25 x In min.
2.5 x In min.
2.5 x In max.
4 x In min.
4 x In max.
6 x In min.
6 x In max.
10 x In min.
10 x In max.
5 - 15 A
> 1 h
5 ms
5 s
1 ms
50 ms
0.2 ms
10 ms
0.1 ms
2 ms
3.8
4.2


Similar Part No. - HCSF

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
HCS SEI-HCS Datasheet
625Kb / 11P
High Current Metal Element Shunt Resistor
5/12/2022
logo
Hammond Manufacturing L...
HCS-DDR HAMMOND-HCS-DDR Datasheet
240Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
HCS-DFG-36 HAMMOND-HCS-DFG-36 Datasheet
134Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
HCS-DFG-36 HAMMOND-HCS-DFG-36 Datasheet
74Kb / 2P
Systeme disolement thermique
HCS-DFG-42 HAMMOND-HCS-DFG-42 Datasheet
134Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
More results

Similar Description - HCSF

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT7908E ATMEL-AT7908E Datasheet
77Kb / 7P
CAN Controller for Space Application
AT7908E ATMEL-AT7908E_09 Datasheet
751Kb / 50P
CAN Controller for Space Application
logo
Tyco Electronics
1206SFH MACOM-1206SFH Datasheet
123Kb / 3P
Surface Mount Fuse High Current
logo
Schurter Inc.
MGA-S SCHURTER-MGA-S Datasheet
370Kb / 3P
Surface Mount Fuse for Space Application, ESCC QPL Listed
MGA-S SCHURTER-MGA-S_15 Datasheet
260Kb / 4P
Surface Mount Fuse for Space Application, ESCC QPL Listed
logo
Nanjing International G...
FSM11 DGNJDZ-FSM11 Datasheet
106Kb / 2P
For Surface Mount Application
logo
Micro Commercial Compon...
ESDLC2V8P8U MCC-ESDLC2V8P8U Datasheet
617Kb / 3P
For space saving application
logo
Schurter Inc.
HCF SCHURTER-HCF Datasheet
314Kb / 3P
Solid State, Thin Film, SMD 3220 Fuse for High Current Application
HCF SCHURTER-HCF_V02 Datasheet
366Kb / 4P
Solid State, Thin Film, SMD 3220 Fuse for High Current Application
04.01.2022
logo
Eaton All Rights Reserv...
2822HC EATON-2822HC Datasheet
1Mb / 6P
High current surface mount Brick fuse
February 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com