Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54AC32 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54AC32
Description  Quad 2-Input OR Gate
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54AC32 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  54AC32 Datasheet HTML 1Page - National Semiconductor (TI) 54AC32 Datasheet HTML 2Page - National Semiconductor (TI) 54AC32 Datasheet HTML 3Page - National Semiconductor (TI) 54AC32 Datasheet HTML 4Page - National Semiconductor (TI) 54AC32 Datasheet HTML 5Page - National Semiconductor (TI) 54AC32 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
54AC32
Quad 2-Input OR Gate
General Description
The ’AC/’ACT32 contains four, 2-input OR gates.
Features
n ICC reduced by 50% on 54AC/74AC only
n Outputs source/sink 24 mA
n ’ACT32 has TTL-compatible inputs
n Standard Military Drawing (SMD)
— ’AC32: 5962-87614
n For Military 54ACT32, see the 54ACTQ32
Logic Symbol
Connection Diagrams
Pin Names
Description
A
n,Bn
Inputs
O
n
Outputs
FACT™ is a trademark of Fairchild Semiconductor Corporation.
IEEE/IEC
DS100265-1
Pin Assignment for DIP and Flatpak
DS100265-3
Pin Assignment for LCC
DS100265-2
July 1998
© 1998 National Semiconductor Corporation
DS100265
www.national.com


Similar Part No. - 54AC32

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC373 NSC-54AC373 Datasheet
166Kb / 10P
Octal Transparent Latch with TRI-STATE Outputs
logo
Texas Instruments
54AC373 TI-54AC373 Datasheet
211Kb / 12P
54AC373 54ACT373 Octal Transparent Latch with TRI-STATE Outputs
logo
National Semiconductor ...
54AC373D NSC-54AC373D Datasheet
166Kb / 10P
Octal Transparent Latch with TRI-STATE Outputs
54AC373F NSC-54AC373F Datasheet
166Kb / 10P
Octal Transparent Latch with TRI-STATE Outputs
54AC373L NSC-54AC373L Datasheet
166Kb / 10P
Octal Transparent Latch with TRI-STATE Outputs
More results

Similar Description - 54AC32

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS32 MOTOROLA-SN54LS32 Datasheet
121Kb / 4P
QUAD 2-INPUT OR GATE
logo
ON Semiconductor
MC74AC32 ONSEMI-MC74AC32 Datasheet
138Kb / 9P
QUAD 2-INPUT OR GATE
October, 2006 ??Rev. 7
MC74HC32A ONSEMI-MC74HC32A Datasheet
129Kb / 8P
Quad 2-Input OR Gate
March, 2000 ??Rev. 7
logo
NXP Semiconductors
74ALS32 PHILIPS-74ALS32 Datasheet
97Kb / 8P
Quad 2-Input OR gate
1991 Feb 08
logo
STMicroelectronics
74AC32 STMICROELECTRONICS-74AC32 Datasheet
70Kb / 8P
QUAD 2-INPUT OR GATE
Apr-2001
74LVQ32 STMICROELECTRONICS-74LVQ32 Datasheet
56Kb / 8P
QUAD 2-INPUT OR GATE
Feb-1999
logo
Toshiba Semiconductor
TC4071BP TOSHIBA-TC4071BP Datasheet
181Kb / 5P
QUAD 2 INPUT OR GATE
logo
Fairchild Semiconductor
DM74AS32 FAIRCHILD-DM74AS32 Datasheet
60Kb / 5P
Quad 2-Input OR Gate
DM74S32 FAIRCHILD-DM74S32 Datasheet
33Kb / 3P
Quad 2-Input OR Gate
MM74HCT32 FAIRCHILD-MM74HCT32_05 Datasheet
83Kb / 7P
Quad 2-Input OR Gate
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com